Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22652 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP22652
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22652 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP22652 Datasheet HTML 7Page - Diodes Incorporated AP22652 Datasheet HTML 8Page - Diodes Incorporated AP22652 Datasheet HTML 9Page - Diodes Incorporated AP22652 Datasheet HTML 10Page - Diodes Incorporated AP22652 Datasheet HTML 11Page - Diodes Incorporated AP22652 Datasheet HTML 12Page - Diodes Incorporated AP22652 Datasheet HTML 13Page - Diodes Incorporated AP22652 Datasheet HTML 14Page - Diodes Incorporated AP22652 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
11 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Application Information (continued)
Special Functions
Discharge Function
When enable is de-asserted, or when the input voltage is under UVLO level, the discharge function is active. The output capacitor is discharged
through an internal NMOS that has a discharge resistance of 600Ω. Hence, the output voltage drops down to zero. The time taken for discharge is
dependent on the RC time constant of the resistance and the output capacitor.
FAULT Response
The FAULT open-drain output goes active low for any of following faults: overcurrent, OUT pin short-circuit, reverse-voltage condition, or thermal
shutdown. The time from when a fault condition is encountered to when the FAULT output goes low is 6ms (typ). The FAULT output remains low
until overcurrent, OUT pin short-circuit, and overtemperature conditions are removed. Connecting a heavy capacitive load to the output of the
device can cause a momentary overcurrent condition, which does not trigger the FAULT due to the 6ms deglitch timeout. This 6ms timeout is also
applicable for overcurrent recovery and overtemperature recovery. The AP22652 and AP22653 are designed to eliminate erroneous overcurrent
reporting without the need for external components, such as an RC delay network.
For the AP22652/52A and AP22653/53A when the reverse voltage condition is triggered, FAULT output goes low after 6ms (typ). This 6ms (typ)
timeout is also applicable for the recovery from reverse voltage fault. The Flag Current is always higher than Current Limit Threshold to ensure
maximum loading consuming.
When the ILIM pin is shorted to GND, current-limit threshold and short-circuit current limit will be clamped at typically 100mA. When the ILIM pin is
shorted to GND, the AP22652/53 and AP22652A/53A FAULT pin will assert during current-limiting and short-circuit conditions.
For latch-off version, once Fault signal is triggered, the device will stay off until EN pin is toggled or power is restarted.
Power Supply Considerations
A 0.01μF to 0.1μF, X7R or X5R ceramic bypass capacitor between IN and GND, close to the device, is recommended. This limits the input voltage
drop during line transients. Placing a high-value electrolytic capacitor on the input (10μF minimum) and output pin (120µF) is recommended when
the output load is heavy. This precaution also reduces power-supply transients that may cause ringing on the input. Additionally, bypassing the
device output with a 0.1μF to 4.7μF ceramic capacitor improves the immunity of the device to short-circuit transients. This capacitor also prevents
output from going negative during turn-off due to parasitic inductance.
Power Dissipation and Junction Temperature
The low on-resistance of the internal MOSFET allows the small surface-mount packages to pass large current. Using the maximum operating
ambient temperature (TA) and RDS(ON), the power dissipation can be calculated by:
PD = RDS(ON)× I2
Finally, calculate the junction temperature:
TJ = PD x ΘJA + TA
Where:
TA = Ambient temperature °C
θJA = Thermal resistance
PD = Total power dissipation
Generic Hot-Plug Applications
In many applications, it may be necessary to remove modules or PC boards while the main unit is still operating. These are considered hot-plug
applications. Such implementations require the control of current surges seen by the main power supply and the card being inserted. The most
effective way to control these surges is to limit and slowly ramp the current and voltage being applied to the card, similar to the way in which a
power supply normally turns on. Due to the controlled rise and fall times of the AP22652/52A and AP22653/53A these devices can be used to
provide a softer start-up to devices being hot-plugged into a powered system. The UVLO feature of the AP22652/52A and AP22653/53A also
ensures that the switch is off after the card has been removed, and that the switch is off during the next insertion.
Generic Hot-Plug Applications
By placing the AP22652/52A and AP22653/53A between the VCC input and the rest of the circuitry, the input power reaches these devices first
after insertion. The typical rise time of the switch is approximately 1ms, providing a slow voltage ramp at the output of the device. This
implementation controls system surge current and provides a hot-plugging mechanism for any device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com