Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-MSM110/33 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP-MSM110/33
Description  Positive Thermal Coefficent Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP-MSM110/33 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP-MSM110/33 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Test
Test Conditions
Accept/Reject Criteria
Resistance
In still air @ 25℃
Rmin≤R≤Rmax
Time to Trip
Specified current,Vmax,25℃
T
≤maximum Time to Trip
Hold Current
30min,at IH
No trip
Trip Cycle Life
Vmax,Imax,100cycles
No arcing or burning
Trip Endurance
Vmax,1 hours
No arcing or burning
Physical Characteristics and Environmental Specifications
Physical Characteristics
Terminal materials :
Tin-Plated Nickle-copper
Soldering
zone
Meets EIA specification RS 186-9E and ANSI/J-STD-002 Category 3.
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
85℃,1000hours
±10%
Humidity aging
85℃/85%RH.1000 hours
±5%
Thermal shock
MIL-STD-202,Method 107G
+85℃/-40℃,20times
-30% typical resistance change
Solvent Resistance
MIL-STD-202,Method 215
no change
Vibration
ML-STD-883C,Test Condition A
No chage
Electrical Specifications:
Ihold = Hold Current. Maximum current device will not trip in 25°C still air.
Itrip = Trip Current. Minimum current at which the device will always trip in 25°C still air.
Vmax = Maximum operating voltage device can withstand without damage at rated current (Imax).
Imax = Maximum fault current device can withstand without damage at rated voltage (Vmax).
Pd=Maximum power dissipation when device is in the tripped state in 25°C still air environment at rated voltage.
Rimin/max = Minimum/Maximum device resistance prior to tripping at 25°C.
R1max = Maximum device resistance is measured one hour post reflow.
Test Procedures And Requirements
Rev :
www.leiditech.com
01.06.2018
2/5
LP-MSM110/33



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com