Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-MSM110/33 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP-MSM110/33
Description  Positive Thermal Coefficent Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP-MSM110/33 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP-MSM110/33 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features:
 RoHS Compliant & Halogen Free
 faster tripping, 1812 Dimension, Surface mountable, Solid state
 Operation Current: 0.10A~3.50A
 Maximum Voltage: 6V~60Vdc
 Operating Temperature:-40℃ TO 85℃
Product Dimensions
Pig.1
Unit :mm
Terminal pad materials :Tin-Plated Nickle-copper
Terminal pad solderability : Meets EIA specification
RS 186-9E and ANSI/J-STD-002 Category 3.
Positive Thermal Coefficent Diodes
LP-MSM110/33
Rev :
www.leiditech.com
01.06.2018
1/5
Model No.
A
B
C
D
E
Min
Max
Min
Max
Min
Max
Min
Min
4.37
4.73
3.07
3.41
0.70
1.70
0.30
0.15
Thermal Derating Chart -IH(A)
Part number
Maximum ambient operating temperatures(℃)
-40
-20
0
25
40
50
60
70
85
1.60
1.45
1.28
1.10
0.92
0.83
0.71
0.66
0.52
Electrical Characteristic
Model No.
Umax
(Vdc)
Imax
(A)
Ihold
@25°C
(A)
Itrip
@25°C
(A)
Time to trip
R25
Current
Time
Rimin
R1max
(A)
(Sec)
()
()
33.0
100
1.10
2.20
8.0
0.30
0.050
0.250
LP-MSM110/33
LP-MSM110/33
LP-MSM110/33


Similar Part No. - LP-MSM110/33

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
493Kb / 1P
Fast tripping resettable circuit protection
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
494Kb / 1P
Polymer PTC Devices
LP-MSM050 LEIDITECH-LP-MSM050 Datasheet
376Kb / 1P
Lead-free and compliant with the European Union RoHS Directive
LP-MSM075-24 LEIDITECH-LP-MSM075-24 Datasheet
3Mb / 5P
Positive Thermal Coefficent Diodes
Rev : 01.06.2018
LP-MSM075/24 LEIDITECH-LP-MSM075/24 Datasheet
3Mb / 5P
Positive Thermal Coefficent Diodes
Rev : 01.06.2018
More results

Similar Description - LP-MSM110/33

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD0805P010TF LEIDITECH-SMD0805P010TF Datasheet
999Kb / 5P
Positive Thermal Coefficent Diodes
SMD0805P020TF LEIDITECH-SMD0805P020TF Datasheet
999Kb / 5P
Positive Thermal Coefficent Diodes
SMD0805P005 LEIDITECH-SMD0805P005 Datasheet
1Mb / 6P
Positive Thermal Coefficent Diodes
SMD1206P005 LEIDITECH-SMD1206P005 Datasheet
2Mb / 7P
Positive Thermal Coefficent Diodes
SMD1210P005 LEIDITECH-SMD1210P005 Datasheet
1Mb / 6P
Positive Thermal Coefficent Diodes
SMD2920P030 LEIDITECH-SMD2920P030 Datasheet
1Mb / 5P
Positive Thermal Coefficent Diodes
HL06-075 LEIDITECH-HL06-075 Datasheet
475Kb / 4P
Positive Thermal Coefficent Diodes
HL30-050 LEIDITECH-HL30-050 Datasheet
1,009Kb / 4P
Positive Thermal Coefficent Diodes
HL130-010 LEIDITECH-HL130-010 Datasheet
1,008Kb / 4P
Positive Thermal Coefficent Diodes
SMD1206P012TFT1 LEIDITECH-SMD1206P012TFT1 Datasheet
2Mb / 6P
Positive Thermal Coefficent Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com