Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-MSM110/33 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP-MSM110/33
Description  Positive Thermal Coefficent Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP-MSM110/33 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP-MSM110/33 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM110/33 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Solder reflow conditions
● Recommended reflow methods: IR, vapor phase oven, hot air oven, N2 environment for lead-free.
● Devices are not designed to be wave soldered to the bottom side of the board.
● Recommended maximum paste thickness is 0.25mm (0.010inch).
● Devices can be cleaned using standard industry methods and solvents.
● Soldering temprature profile meets RoHs leadfree process.
Notes: If reflow temperatures exceed the recommended profile, devices may not meet the
performance requirements
Recommended pad layout (mm)
Rev :
www.leiditech.com
01.06.2018
3/5
LP-MSM110/33



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com