Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB1940 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB1940
Description  Automotive grade 5.1 megapixel backside illuminated global and rolling shutter sensor for near infrared and visible scenes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB1940 Datasheet(HTML) 1 Page - STMicroelectronics

  VB1940 Datasheet HTML 1Page - STMicroelectronics VB1940 Datasheet HTML 2Page - STMicroelectronics VB1940 Datasheet HTML 3Page - STMicroelectronics VB1940 Datasheet HTML 4Page - STMicroelectronics VB1940 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Automotive compliancy
•
AEC-Q100 grade 2 ongoing
•
Operating junction temperature: -40°C to 125°C
•
ISO26262 compliant to support ASIL B system integration
•
Cyber security features
Hybrid 5.1 MP global and rolling shutter features
•
3D stacked sensor 40 nm/65 nm
•
5.1 MP sensor (2560 x 1984)
•
2.25 µm x 2.25 µm BSI (backside illuminated) pixel
•
RGB/NIR pixel technology with RGB NIR 4x4 pattern
•
Image array size: 5.8 mm x 4.5 mm
•
Optical format 1/2.5 inch
•
Bare die or OBGA package
Innovative features
•
Dual exposure controls (RGB and IR)
•
On-chip bayerization ISP (image signal processor)
•
On-chip color HDR (high dynamic range) merges
•
On-chip NIR smart upscale
•
4 programmable contexts, in a versatile sequence, with up to 32 elements
Interface
•
Quad lane transmitter MIPI CSI-2 up to 1.5 Gbps per lane (MIPI CSI-2
copyright© 2005-2010 MIPI alliance, inc. standard for camera serial interface
2 (CSI-2) version 1.0)
•
6 programmable GPIOs (general-purpose input/outputs) to control the LED
(light-emitting diode)
–
Output synchronized with sensor integration periods
–
PWM (pulse-width modulation) control
•
Fast mode plus I²C control interface
Unique imaging performance
•
Peak quantum efficiency 25% @ 940 nm
•
HDR linear dynamic range up to 100 dB in rolling shutter mode
•
Up to 60 frames per second at full resolution
•
Ultralow noise
Root part number
Description
VB1940
OBGA package
VD1940
Bare die
Automotive grade 5.1 megapixel backside illuminated global and rolling shutter
sensor for near infrared and visible scenes
VB1940, VD1940
Data brief
DB4790 - Rev 1 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VB1940

ManufacturerPart #DatasheetDescription
logo
France Joint
VB19X27X4 FRANCEJOINT-VB19X27X4 Datasheet
384Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - VB1940

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
OmniVision Technologies...
OV2311 OMNIVISION-OV2311 Datasheet
1Mb / 2P
Compact, Cost-Effective 2-Megapixel Global Shutter Sensor for Driver Monitoring Systems
logo
STMicroelectronics
VD55G0 STMICROELECTRONICS-VD55G0 Datasheet
2Mb / 3P
Advanced 640 x 600 pixel, backside illuminated Global Shutter, ultra compact sensor, with high QE, high MTF, excellent PLS, and full-features
10-Mar-2020
VD56G3 STMICROELECTRONICS-VD56G3 Datasheet
2Mb / 3P
Advanced 1.5 Mpixel, backside illuminated Global Shutter, ultra compact sensor, with high QE, high MTF, excellent PLS, and full-features
10-Feb-2020
VB56G4A STMICROELECTRONICS-VB56G4A Datasheet
1,021Kb / 4P
Automotive grade 1.5 megapixel backside illuminated global shutter image sensor
15-Apr-2022
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
27-Nov-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com