Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13N50DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 13N50DM2
Description  Automotive-grade N-channel 500 V, 320 m typ., 11 A MDmesh DM2 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

13N50DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  13N50DM2 Datasheet HTML 1Page - STMicroelectronics 13N50DM2 Datasheet HTML 2Page - STMicroelectronics 13N50DM2 Datasheet HTML 3Page - STMicroelectronics 13N50DM2 Datasheet HTML 4Page - STMicroelectronics 13N50DM2 Datasheet HTML 5Page - STMicroelectronics 13N50DM2 Datasheet HTML 6Page - STMicroelectronics 13N50DM2 Datasheet HTML 7Page - STMicroelectronics 13N50DM2 Datasheet HTML 8Page - STMicroelectronics 13N50DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG160420181303SOA
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
Operation in this area is
limited by R DS(on)
single pulse
TJ≤150 °C
TC=25 °C
VGS=10 V
tp=10 ms
Figure 2. Normalized transient thermal impedance
GC20460
100
10-1
10-2
10-5
10-4
10-3
10-2
10-1
K
tp (s)
Figure 3. Typical output characteristics
GIPG160420181305OCH
24
20
16
12
8
4
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS =5 V
VGS =6 V
VGS = 8, 9, 10 V
VGS =7 V
Figure 4. Typical transfer characteristics
GIPG160420181305TCH
24
20
16
12
8
4
0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
ID
(A)
VGS (V)
VDS = 15 V
Figure 5. Normalized gate threshold vs temperature
GIPG120420181044VTH
1.2
1.0
0.8
0.6
0.4
-75
-25
25
75
125
VGS(th)
(norm.)
Tj(°C)
ID=250 μA
Figure 6. Normalized breakdown voltage vs temperature
GIPG120420181045BDV
1.10
1.05
1.00
0.95
0.90
0.85
-75
-25
25
75
125
V(BR)DSS
(norm.)
ID = 1 mA
Tj(°C)
STD13N50DM2AG
Electrical characteristics (curves)
DS12210 - Rev 4
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com