Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13N50DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 13N50DM2
Description  Automotive-grade N-channel 500 V, 320 m typ., 11 A MDmesh DM2 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

13N50DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  13N50DM2 Datasheet HTML 1Page - STMicroelectronics 13N50DM2 Datasheet HTML 2Page - STMicroelectronics 13N50DM2 Datasheet HTML 3Page - STMicroelectronics 13N50DM2 Datasheet HTML 4Page - STMicroelectronics 13N50DM2 Datasheet HTML 5Page - STMicroelectronics 13N50DM2 Datasheet HTML 6Page - STMicroelectronics 13N50DM2 Datasheet HTML 7Page - STMicroelectronics 13N50DM2 Datasheet HTML 8Page - STMicroelectronics 13N50DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
3
TAB
2
DPAK
D(2, TAB)
G(1)
S(3)
NG1D2TS3Z
Features
Order code
VDS
RDS(on ) max.
ID
STD13N50DM2AG
500 V
360 mΩ
11 A
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Extremely low gate charge and input capacitance
•
Low on-resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM2 fast-
recovery diode series. It offers very low recovery charge (Qrr) and time (trr) combined
with low RDS(on), rendering it suitable for the most demanding high-efficiency
converters and ideal for bridge topologies and ZVS phase-shift converters.
Product status
STD13N50DM2AG
Product summary
Order code
STD13N50DM2AG
Marking
13N50DM2
Package
DPAK
Packing
Tape and reel
Automotive-grade N-channel 500 V, 320 mΩ typ., 11 A MDmesh DM2
Power MOSFET in a DPAK package
STD13N50DM2AG
Datasheet
DS12210 - Rev 4 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - 13N50DM2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13N50 UTC-13N50 Datasheet
167Kb / 6P
500V N-CHANNEL MOSFET
13N50 UTC-13N50 Datasheet
178Kb / 6P
500V N-CHANNEL MOSFET
13N50 UTC-13N50 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
13N50 ISC-13N50 Datasheet
136Kb / 2P
Drain Current ID= 13A@ TC=25C
logo
DONGGUAN YOU FENG WEI E...
13N50A YFWDIODE-13N50A Datasheet
849Kb / 5P
13A 500V N-channel enhanced field effect transistor
More results

Similar Description - 13N50DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB34N50DM2AG STMICROELECTRONICS-STB34N50DM2AG Datasheet
919Kb / 15P
Automotive-grade N-channel 500 V, 0.10 Ω typ., 26 A MDmesh™ DM2 Power MOSFET in a D²PAK package
August 2015 Rev 1
STB45N50DM2AG STMICROELECTRONICS-STB45N50DM2AG Datasheet
900Kb / 15P
Automotive-grade N-channel 500 V, 0.07 Ω typ., 35 A MDmesh™ DM2 Power MOSFET in a D²PAK package
October 2015 Rev 1
STD8N60DM2 STMICROELECTRONICS-STD8N60DM2 Datasheet
823Kb / 15P
N-channel 600 V, 550 m(ohm) typ., 8 A MDmesh DM2 Power MOSFET in a DPAK package
24-Nov-2016
STD5N60DM2 STMICROELECTRONICS-STD5N60DM2 Datasheet
817Kb / 15P
N-channel 600 V, 1.38 (ohm) typ., 3.5 A MDmesh DM2 Power MOSFET in a DPAK package
05-Jul-2016
STD11N60DM2 STMICROELECTRONICS-STD11N60DM2 Datasheet
822Kb / 15P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
17-Jun-2016
STD10N60DM2 STMICROELECTRONICS-STD10N60DM2 Datasheet
813Kb / 14P
N-channel 600 V, 0.440 Ω typ., 8 A MDmesh™ DM2 Power MOSFET in a DPAK package
17-Jun-2016
STB12N60DM2AG STMICROELECTRONICS-STB12N60DM2AG Datasheet
422Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a D²PAK package
14-Apr-2021
STD12N60DM2AG STMICROELECTRONICS-STD12N60DM2AG Datasheet
559Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
11-Nov-2019
STD5NM50AG STMICROELECTRONICS-STD5NM50AG Datasheet
626Kb / 16P
Automotive-grade N-channel 500 V, 0.7 Ω typ., 7.5 A, MDmesh Power MOSFET in a DPAK package
09-Apr-2019
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
17-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com