Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13N50DM2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 13N50DM2
Description  Automotive-grade N-channel 500 V, 320 m typ., 11 A MDmesh DM2 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

13N50DM2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 13N50DM2 Datasheet HTML 7Page - STMicroelectronics 13N50DM2 Datasheet HTML 8Page - STMicroelectronics 13N50DM2 Datasheet HTML 9Page - STMicroelectronics 13N50DM2 Datasheet HTML 10Page - STMicroelectronics 13N50DM2 Datasheet HTML 11Page - STMicroelectronics 13N50DM2 Datasheet HTML 12Page - STMicroelectronics 13N50DM2 Datasheet HTML 13Page - STMicroelectronics 13N50DM2 Datasheet HTML 14Page - STMicroelectronics 13N50DM2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Figure 20. DPAK (TO-252) recommended footprint (dimensions are in mm)
FP_0068772_26
STD13N50DM2AG
DPAK (TO-252) type A2 package information
DS12210 - Rev 4
page 11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com