Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2344 Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # 2SC2344
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2344 Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button 2SC2344 Datasheet HTML 41Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 42Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 43Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 44Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 45Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 46Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 47Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 48Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Electric Parts List
7-11
L606
2701-000180
INDUCTOR-AXIAL;33UH,5%,2.5X3.4MM
AZ361009
1
L607
2701-000180
INDUCTOR-AXIAL;33UH,5%,2.5X3.4MM
AZ361009
1
L608
2701-000180
INDUCTOR-AXIAL;33UH,5%,2.5X3.4MM
AZ361009
1
L701
2701-000180
INDUCTOR-AXIAL;33UH,5%,2.5X3.4MM
AZ361009
1
L702
2701-000180
INDUCTOR-AXIAL;33UH,5%,2.5X3.4MM
AZ361009
1
L705
2701-000180
INDUCTOR-AXIAL;33UH,5%,2.5X3.4MM
AZ361009
1
L706
2701-000180
INDUCTOR-AXIAL;33UH,5%,2.5X3.4MM
AZ361009
1
R106
2001-000864
R-CARBON;56KOHM,5%,1/8W,AA,TP,1.8X3.2MM
AZ261563
1
R313
2004-001137
R-METAL;6.8Kohm,1%,1/8W,AA,TP,1.8x3.2m
AZ264001
1
R710
2001-000938
R-CARBON;68ohm,5%,1/8W,AA,TP,1.8x3.2mm
AZ261680
1
R709
2001-000938
R-CARBON;68ohm,5%,1/8W,AA,TP,1.8x3.2mm
AZ261680
1
R811
2004-001408
R-METAL(S);91KOHM,1%,1/2W,AA,TP,2.4X6.4M
AZ264006
1
R809
2001-000022
R-CARBON(S);33OHM,5%,1/2W,AA,TP,2.4X6.4M
AZ261330
1
L901
2702-001094
INDUCTOR-RADIAL;10uH,10%,6x4mm
AZ361032
1
L903
2702-001094
INDUCTOR-RADIAL;10uH,10%,6x4mm
AZ361032
1
L904
2702-001094
INDUCTOR-RADIAL;10uH,10%,6x4mm
AZ361032
1
L909
2701-000191
INDUCTOR-AXIAL;47uH,10%,2.5x3.4mm
AZ361031
1
L908
2701-000191
INDUCTOR-AXIAL;47uH,10%,2.5x3.4mm
AZ361031
1
R818
2001-001113
R-CARBON(S);270Kohm,5%,1/2W,AA,TP,2.4x6.
AZ261925
1
CN702
3711-002647
CONNECTOR-HEADER;BOX,8P,1R,2.5mm,STRAIGH
AZ664020
1
C656
2201-000304
C-CERAMIC,DISC;0.001nF,0.25pF,50V,NP0,TP
AZ163022
1
C657
2201-000304
C-CERAMIC,DISC;0.001nF,0.25pF,50V,NP0,TP
AZ163022
1
C306
2301-000342
C-FILM,PEF;2.2nF,5%,50V,TP,7.4x3.9x13mm,
AZ162031
1
C415
2301-000342
C-FILM,PEF;2.2nF,5%,50V,TP,7.4x3.9x13mm,
AZ162031
1
C621
2401-002458
C-AL;1000uF,20%,35V,GP,TP,16x25,7.5
AZ164048
1
C824
2401-003046
C-AL;47uF,20%,50V,WT,TP,6.3x11,2.5
AZ164051
1
C823
2401-003046
C-AL;47uF,20%,50V,WT,TP,6.3x11,2.5
AZ164051
1
C115
2202-000121
C-CERAMIC,MLC-AXIAL;100pF,10%,50V,Y5P,TP
AZ161101
1
C116
2202-000121
C-CERAMIC,MLC-AXIAL;100pF,10%,50V,Y5P,TP
AZ161101
1
C701
2202-000121
C-CERAMIC,MLC-AXIAL;100pF,10%,50V,Y5P,TP
AZ161101
1
L209
2701-000168
INDUCTOR-AXIAL;3.3 UH 5% 2.5X3.4 MM
AZ361008
1
L212
2701-000168
INDUCTOR-AXIAL;3.3 UH 5% 2.5X3.4 MM
AZ361008
1
L801
3301-001223
CORE-FERRITE BEAD;AA,62ohm,3.5x0.8x5mm,-
AZ362014
1
L806
3301-001223
CORE-FERRITE BEAD;AA,62ohm,3.5x0.8x5mm,-
AZ362014
1
R945
2001-000449
R-CARBON;2.2KOHM,5%,1/8W,AA,TP,1.8X3.2M
AZ261222
1
R946
2001-000449
R-CARBON;2.2KOHM,5%,1/8W,AA,TP,1.8X3.2M
AZ261222
1
RX801S
2002-001010
R-COMPOSITION;1.8Mohm,10%,1/2W,AA,TP,3.7
AZ262753
1
R821
2004-001891
R-METAL(S);133Kohm,1%,1/2W,AA,TP,2.5x6.5
AZ268025
1
R210
2001-000812
R-CARBON;5.6KOHM,5%,1/8W,AA,TP,1.8X3.2M
AZ261562
1
FP801S
3601-000297
FUSE-CARTRIDGE;250V,5A,TIME-LAG,GLASS,5.
AZ664114
1
F801A
3602-000114
FUSE-HOLDER;-,-,30MOHM
AZ664014
1
F801B
3602-000114
FUSE-HOLDER;-,-,30MOHM
AZ664014
1
C835
2401-002289
C-AL;470uF,20%,35V,WT,TP,10x20,5
AZ164047
1
C840
2401-002212
C-AL;10uF,20%,25V,WT,TP,5x11,5
AZ164045
1
C827
2401-002212
C-AL;10uF,20%,25V,WT,TP,5x11,5
AZ164045
1
R417
2004-001397
R-METAL(S);4.7Kohm,1%,1/2W,AA,TP,2.4x6.4
AZ264003
1
R301
2004-001397
R-METAL(S);4.7Kohm,1%,1/2W,AA,TP,2.4x6.4
AZ264003
1
CN704
3711-002646
CONNECTOR-HEADER;BOX,7P,1R,2.5mm,STRAIGH
AZ760158
1
CN502
3711-002646
CONNECTOR-HEADER;BOX,7P,1R,2.5mm,STRAIGH
AZ760158
1
R808
2001-001079
R-CARBON(S);15OHM,5%,1/2W,AA,TP,2.4X6.4M
AZ261920
1
R425
2008-001011
R-FUSIBLE(S);0.18ohm,10%,2W,AF,TP,3.9x10
AZ263049
1
HA68-02176A LABEL;SPACE
AZ760150
1
R423
2001-001122
R-CARBON(S);3.9KOHM,5%,1/2W,AA,TP,2.4X6.
AZ268021
1
C654
2201-000611
C-CERAMIC,DISC;56pF,5%,50V,CH,TP,6.5x3,5
AZ163026
1
C425
2301-001259
C-FILM,MPPF;100nF,5%,400V,TP,19x8x16,7.5
AZ166020
1
C622
2401-001264
C-AL;4.7uF,20%,50V,BP,TP,5x11,5
AZ164020
1
C625
2401-001264
C-AL;4.7uF,20%,50V,BP,TP,5x11,5
AZ164020
1
C626
2401-001264
C-AL;4.7uF,20%,50V,BP,TP,5x11,5
AZ164020
1
C628
2401-001264
C-AL;4.7uF,20%,50V,BP,TP,5x11,5
AZ164020
1
C104
2401-002463
C-AL;470uF,20%,16V,GP,TP,8x11.5,5
AZ164035
1
C808
2401-003046
C-AL;47uF,20%,50V,WT,TP,6.3x11,2.5
AZ164051
1
D301
0402-001105
DIODE-RECTIFIER;ERB43-04SV1,400V,1.0A,-,
AZ462014
1
D803
0402-001105
DIODE-RECTIFIER;ERB43-04SV1,400V,1.0A,-,
AZ462014
1
D816
0402-001105
DIODE-RECTIFIER;ERB43-04SV1,400V,1.0A,-,
AZ462014
1
DZ602
0403-000720
DIODE-ZENER;MTZJ9.1B,9.1V,8.57-9.01V,500
AZ462025
1
R207
2001-000221
R-CARBON;1.2KOHM,5%,1/8W,AA,TP,1.8X3.2M
AZ261122
1
R208
2001-000405
R-CARBON;180OHM,5%,1/8W,AA,TP,1.8X3.2MM
AZ261181
1
R414
2008-000253
R-FUSIBLE(S);0.47ohm,5%,1W,AF,TP,3.9x10m
AZ268017
1
HIC401
AA13-00094A IC HYBRID;-,DDRI001A,SIP,5P,-,TP
AZ760211
1
C102
2401-001513
C-AL;47uF,20%,16V,WT,TP,5x11,5
AZ164044
1
C913
2401-000287
C-AL;100uF,20%,16V,WT,TP,6.3x11,5
AZ164041
1
C915
2401-000287
C-AL;100uF,20%,16V,WT,TP,6.3x11,5
AZ164041
1
C918
2401-000287
C-AL;100uF,20%,16V,WT,TP,6.3x11,5
AZ164041
1
C210
2401-000287
C-AL;100uF,20%,16V,WT,TP,6.3x11,5
AZ164041
1
L102
2701-000159
INDUCTOR-AXIAL;22UH,10%,4.2X9.8MM
AZ361007
1
R420
2004-004015
R-METAL(S);9.1Kohm,1%,1/2W,AA,TP,2.5x6.5
AZ268047
1
R911
2001-000628
R-CARBON;300OHM,5%,1/8W,AA,TP,1.8X3.2MM
AZ261301
1
LOC NO PARTS NO
Description & Specification
REPLACEMENT NO
Q’ty
REMARKS
!
!
!
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com