Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2344 Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # 2SC2344
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2344 Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button 2SC2344 Datasheet HTML 18Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 19Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 20Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 21Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 22Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 23Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 24Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 25Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Alignment and Adjustments
4-11
Coring
NR Off Value
Melody Volume
RGB BRIGHT
RGB CONTRAST
EHT H Time
EHT H Phase
EHT H
EHT V
EHT V TIME
EHT V THRES
EHT V2
EHT H2
TTX Position
TTX Contrast
VSU
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
5
6
68
29
0
133
100
70
10
10
60
100
5
160
96
Luminance peaking filter, coring level
Luminance peaking filter coring.
Sets the level of melody volume in Picture ON. Differently controlled
according to buyer and area.
Adjusts RGB input signal brightness
Adjusts RGB input signal contrast
EHT time constant for horizontal phase compensation 0 = off
EHT compensation coefficient for horizontal phase (°æ1.5ms)
EHT compensation coefficient for horizontal amplitude(°æ100 %)
EHT compensation coefficient for vertical amplitude (°æ25 %)
time constant for control of vertical and horizontal amplitude
EHT compensation 0 = off
threshold for vertical & horizontal ampli-tude EHT compensation
EHT compensation coeff for vertical ampli-tude valid
if beamcurrent > EHTV_THRES"
EHT compensation coeff for horizontal amplitude valid
if beamcurrent >EHTV_THRES"
Adjusts Horizontal Position the TTX
Adjusts contrast on TTX picture.
Vertical Setup Time. Delays the vertical sync to solve the jitter of OSD and
TTX . Check OSD while varying 96 ~ 111 step by step and then an 1H line
moves at two points. If the value is set at the first point or second point,
an OSD jitter may happen. Also, if the value is set between the first and
second points, a TTX jitter may happen. So, the value of VSU should be set
after giving some magines (three steps).
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
4-7-2(D) VIDEO 2 ADJUST
No.
OSD
Function
Remark
Initial
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com