Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2344 Datasheet(PDF) 46 Page - Toshiba Semiconductor

Part # 2SC2344
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2344 Datasheet(HTML) 46 Page - Toshiba Semiconductor

Back Button 2SC2344 Datasheet HTML 42Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 43Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 44Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 45Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 46Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 47Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 48Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 49Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 50Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
R912
2001-000628
R-CARBON;300OHM,5%,1/8W,AA,TP,1.8X3.2MM
AZ261301
1
C106
2401-000611
C-AL;1uF,20%,50V,WT,TP,5x11,5
AZ164042
1
C303
2201-002022
C-CERAMIC,DISC;0.005nF,0.25pF,500V,NP0,T
AZ166032
1
C409
2301-001385
C-FILM,PPF;30nF,5%,630V,TP,20x15.5x10.5,
AZ166033
1
C412
2301-000148
C-FILM,PEF;10nF,5%,100V,TP,7x3.2x7mm,5mm
AZ166022
1
L905
2001-000995
R-CARBON;820OHM,5%,1/8W,AA,TP,1.8X3.2MM
AZ261821
1
R305
2003-002157
R-METAL OXIDE;220OHM,5%,2W,AG,TP,6X16MM
AZ268024
1
R306
2003-002157
R-METAL OXIDE;220OHM,5%,2W,AG,TP,6X16MM
AZ268024
1
C411
2301-000232
C-FILM,PEF;3.3nF,5%,50V,TP,8.1x4.5x13mm,
AZ166034
1
C416
2301-000254
C-FILM,PEF;39nF,5%,50V,TP,7.5x3.5x6.5mm,
AZ162008
1
L401
2001-001038
R-CARBON(S);0.56OHM,5%,1/2W,AA,TP,2.4X6.
AZ268026
1
R404
2001-001038
R-CARBON(S);0.56OHM,5%,1/2W,AA,TP,2.4X6.
AZ268026
1
R212
2004-000218
R-METAL;10KOHM,1%,1/8W,AA,TP,1.8X3.2MM
AZ263025
1
FA803S
3601-001228
FUSE-AXIAL LEAD;125V,10A,FAST-ACTING,EPO
AZ664115
1
R314
2004-001893
R-METAL(S);22Kohm,1%,1/2W,AA,TP,2.5x6.5m
AZ268048
1
R302
2004-001984
R-METAL(S);26.7Kohm,1%,1/2W,AA,TP,2.4x6.
AZ264007
1
R401
2003-000586
R-METAL OXIDE(S);22Kohm,5%,2W,AF,TP,4x12
AZ263067
1
R402
2003-000586
R-METAL OXIDE(S);22Kohm,5%,2W,AF,TP,4x12
AZ263067
1
D408
0402-000493
DIODE-RECTIFIER;1R5GU41,400V,1.5A,DO-15L
AZ462010
1
R407
2001-001114
R-CARBON(S);270OHM,5%,1/2W,AA,TP,2.4X6.4
AZ262271
1
C925
2202-000127
C-CERAMIC,MLC-AXIAL;10nF,+80-20%,25V,Y5V
AZ161103
1
C113
2202-000127
C-CERAMIC,MLC-AXIAL;10nF,+80-20%,25V,Y5V
AZ161103
1
KEZI
2001-001035
R-CARBON;91ohm,5%,1/8W,AA,TP,1.8x3.2mm
AZ268006
1
KEZI
2201-000472
C-CERAMIC,DISC;0.33nF,5%,50V,SL,TP,8.5x3
AZ163024
1
C828
2201-000376
C-CERAMIC,DISC;0.22nF,5%,50V,SL,TP,6.3x3
AZ166021
1
R403
2003-000664
R-METAL OXIDE(S);33OHM,5%,2W,AF,TP,4X12M
AZ263002
1
KEZI
2701-000183
INDUCTOR-AXIAL;39uH,5%,2.5x3.4mm
AZ363061
1
C410
2301-000213
C-FILM,PEF;220nF,5%,250V,TP,21.5x11,7.5
AZ162005
1
R304
2008-001013
R-FUSIBLE(S);1.2ohm,5%,2W,AF,TP,3.9x10mm
AZ263061
1
KEZI
2008-001013
R-FUSIBLE(S);1.2ohm,5%,2W,AF,TP,3.9x10mm
AZ263061
1
R315
2004-002022
R-METAL(S);51KOHM,1%,1/2W,AA,TP,2.4X6.4M
AZ268041
1
KEZI
2003-002193
R-METAL OXIDE(S);33Kohm,5%,2W,AG,TP,3.9X
AZ268028
1
KEZI
2003-001035
R-METAL OXIDE(S);27ohm,5%,2W,AF,TP,3.9x1
AZ263076
1
KEZI
2201-000795
C-CERAMIC,DISC;10nF,10%,400V,Y5P,15x10mm
AZ166023
1
C427
2401-002267
C-AL;2.2uF,20%,250V,GP,TP,8x11.5,5
AZ164046
1
D413
0402-000537
DIODE-RECTIFIER;RH1A,600V,0.6A,DO-204AC
AZ462017
1
R405
2008-001076
R-FUSIBLE(S);1.8ohm,5%,2W,AF,TP,3.9x10mm
AZ268049
1
R436
2003-002008
R-METAL OXIDE(S);18Kohm,5%,2W,AF,TP,3.9x
AZ263022
1
SW901
3404-000244
SWITCH-TACT;15V,20mA,90-170gf,7.5x7mm,SP
AZ662002
1
SW902
3404-000244
SWITCH-TACT;15V,20mA,90-170gf,7.5x7mm,SP
AZ662002
1
SW903
3404-000244
SWITCH-TACT;15V,20mA,90-170gf,7.5x7mm,SP
AZ662002
1
SW904
3404-000244
SWITCH-TACT;15V,20mA,90-170gf,7.5x7mm,SP
AZ662002
1
SW905
3404-000244
SWITCH-TACT;15V,20mA,90-170gf,7.5x7mm,SP
AZ662002
1
R916
2001-000007
R-CARBON;3KOHM,5%,1/8W,AA,TP,1.8X3.2MM
AZ161302
1
R917
2001-000878
R-CARBON;6.2Kohm,5%,1/8W,AA,TP,1.8x3.2m
AZ261917
1
R918
2001-000009
R-CARBON;20KOHM,5%,1/8W,AA,TP,1.8X3.2MM
AZ261203
1
C904
2401-001495
C-AL;47uF,20%,16V,GP,TP,5x11,5
AZ164025
1
IC901
AA09-00041A IC-MCU;SDA555X-OTP,SDA555X-OTP,-,-,52,SD
AZ661041
1
IC601
1204-001661
IC-SOUND PROCESSOR;MSP3411G-A2,DIP,52P,-
AZ760212
1
T401
AA26-50001S TRANS-HORIZ.DRIVE;-,-,-,6.0mH,-,-,44uH,-
AZ363070
1
TU01S
AA40-00079A TUNER-F/S;TCPW3001PD16A(S),PAL,181CH,38.
AZ760160
1
HA98-600010 ASSY-SUB,PART;S51A,PCB-MAIN
AZ760151
1
0202-000008
SOLDER-WIRE;S63S-W3.0,S63S,D3,SN63/PB37
AZ760060
0.03
0202-000187
SOLDER-WIRE FLUX;-,RS60S,D1.2,63SN/37PB
AZ760061
0.001
0204-001024
FLUX;DF-98TVS,-,20%,-
AZ760064
0.00628
0204-000442
SOLVENT;1M-1000,C3H70H,96,-
AZ760063
0.00837
T801S
AA26-00046A TRANS-SWITCHING;-,-,-,AC90~260V,DC135/16
AZ363056
1
IC804
HA96-00243C ASSY-H/S;-,REGULATOR,AA62-00045A,KA7806
AZ760161
1
1203-000284
IC-POSI.FIXED REG.;7806,TO-220,3P,-,PLAS
AZ661034
1
6003-000333
SCREW-TAPTITE;RH,+,2S,M3,L10,ZPC(YELYEL)
AZ760146
1
AA62-00065A HEAT SINK-PS;DP,-,-,-,AA62-00045A,-,-,-,
AZ760162
1
0205-000129
GREASE-SILICON;SC102,JAPAN
AZ760065
0.00005
L408
AA27-40003P COIL-HORIZ.WIDTH;-,120uH/180uH,Th8x20,US
AZ363071
1
LX801S
AA29-00015A FILTER-LINE NOISE;WS32W8,28-20MH 1.5A,+-
AZ363064
1
L405
AA27-00057A COIL-HORIZ,WIDTH;-,10mH,YL-9N 15x27.5 C:
AZ362015
1
IC803
1203-001697
IC-VOLTAGE REGULATOR;78R08,TO-220,4P,-,P
AZ661036
1
Q404
HA96-00437A ASSY-H/S;AA62-00076A,IRF620
AZ760163
1
0505-000156
FET-SILICON;IRF620,N,200V,5A,0.8ohm,50W,
AZ561016
1
6003-000333
SCREW-TAPTITE;RH,+,2S,M3,L10,ZPC(YELYEL)
AZ760146
1
AA62-00076A HEAT SINK;100Hz,AL ,T1.0,10,40,-,-,-
AZ760164
1
Q402
0505-001116
FET-SILICON;BUZ73A,N,200V,22A,0.6ohm,40W
AZ561022
1
CY802S
2201-002002
C-CERAMIC,DISC;4.7nF,20%,400V,Y5U,TP,16x
AZ163027
1
C407
2301-001338
C-FILM,MPE-PPF;0.68nF,5%,1.6kV,TP,28x7x1
AZ162684
1
C405
2303-001015
C-FILM,PPF;5.5nF,5%,1.6kV,TP,29x9.5x17,2
AZ162686
1
C406
2303-001015
C-FILM,PPF;5.5nF,5%,1.6kV,TP,29x9.5x17,2
AZ162686
1
C426
2301-001185
C-FILM,MPPF;620nF,5%,400V,TP,14.5x26x24,
AZ166035
1
IC903
1203-001944
IC-POSI.FIXED REG.;78RM33,TO-220,3P,-,PL
AZ661038
1
Electric Parts List
7-12
LOC NO PARTS NO
Description & Specification
REPLACEMENT NO
Q’ty
REMARKS
!
!
!
!
!
!
!
!
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com