Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43198 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 64Page - Cirrus Logic CS43198 Datasheet HTML 65Page - Cirrus Logic CS43198 Datasheet HTML 66Page - Cirrus Logic CS43198 Datasheet HTML 67Page - Cirrus Logic CS43198 Datasheet HTML 68Page - Cirrus Logic CS43198 Datasheet HTML 69Page - Cirrus Logic CS43198 Datasheet HTML 70Page - Cirrus Logic CS43198 Datasheet HTML 71Page - Cirrus Logic CS43198 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 137 page
background image
68
DS1156F1
CS43198
5.12 Example Sequences
8
Configure PLL. Input is 22.5792 MHz. Output is 24.576 MHz.
9
Power up PLL
Power Down Control. 0x20000
0xF2
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
1
1
1
1
0
0
1
0
Power up PLL
10 Set PLL predivide
PLL Setting 9. 0x40002
0x03
Reserved
PLL_REF_PREDIV
0000 00
11
Divide PLL Reference by 8
11 Set PLL Output Divide
PLL Setting 6. 0x30008
0x08
PLL_OUT_DIV
0x08
Divide PLL output by 8
12 Set Fractional portion of PLL
divide ratio
PLL Setting 2. 0x30002
0x00
PLL_DIV_FRAC_0
0x00
PLL Setting 3. 0x30003
0xF7
PLL_DIV_FRAC_1
0xF7
PLL Setting 4. 0x30004
0x06
PLL_DIV_FRAC_2
0x06
13 Set integer portion of PLL divide
ratio
PLL Setting 5. 0x30005
0x44
PLL_DIV_INT
0x44
14 Set PLL Mode
PLL Setting 8. 0x3001B
0x01
Reserved
PLL_MODE
Reserved
0000 00
0
1
Use 500/512 factor
15 Set PLL Calibration Ratio
PLL Setting 7. 0x3000A
0x8B
PLL_CAL_RATIO
0x8B
Set PLL Cal Ratio to 139
16 Read Interrupt Status 1 register (0xF0000) to clear any pending interrupts.
17 Enable PLL Interrupts
Interrupt Mask 1. 0xF0010
0xE1
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
1
1
0
0
0
0
1
Enable PLL Ready and Error Interrupts
18 Start PLL
PLL Setting 1. 0x30001
0x01
Reserved
PLL_START
0000 000
1
Start PLL
19 Configure DSDIF to playback 64•Fs DSD stream. DSDIF is configured as Slave
20 Configure DSD Volume
DSD Volume A. 0x70001
0x00
DSD_VOLUME_A
0x00
Channel A volume set to 0dB
21 Configure DSD path Signal
Control1
DSD Processor Path Signal Control 1.
0x70002
0xCC
DSD_RAMP_UP
DSD_VOL_BEQA
DSD_SZC
Reserved
DSD_AMUTE
DSD_AMUTE_BEQA
DSD_MUTE_A
DSD_MUTE_B
1
1
0
0
1
1
0
0
DSD Volume B equals DSD volume A
Immediate change
Mute occurs after 256 repeated 8-bit DSD mute patterns
Mute happens only when mute pattern is detected in both
channels
Function is disabled
Function is disabled
22 Configure DSD Interface
DSD Interface Configuration. 0x70003
0x00
Reserved
DSD_M/SB
DSD_PM_EN
DSD_PM_SEL
0000 0
0
0
0
DSD is clock slave
Function is disabled
Function is disabled
Example 5-6. Startup to DSD Playback (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com