Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43198 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 17Page - Cirrus Logic CS43198 Datasheet HTML 18Page - Cirrus Logic CS43198 Datasheet HTML 19Page - Cirrus Logic CS43198 Datasheet HTML 20Page - Cirrus Logic CS43198 Datasheet HTML 21Page - Cirrus Logic CS43198 Datasheet HTML 22Page - Cirrus Logic CS43198 Datasheet HTML 23Page - Cirrus Logic CS43198 Datasheet HTML 24Page - Cirrus Logic CS43198 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
DS1156F1
21
CS43198
3 Characteristics and Specifications
1.PSRR test configuration: Typical PSRR can vary by approximately 6 dB below
the indicated values.
Table 3-16. DC Characteristics
Test conditions (unless otherwise specified): Fig. 2-1 shows CS43198 connections; GNDD = GNDA = 0 V; all voltages with respect to ground.
Parameters
Minimum
Typical
Maximum Units
VCP_FILT (No load connected to AOUTx)
EXT_VCPFILT = 0
VP_LDO Mode
VCP_FILT+ pin (HV_EN = 1)
VCP_FILT+ pin (HV_EN = 0)
VCP_FILT– pin (HV_EN = 1)
VCP_FILT– pin (HV_EN = 0)
—
—
—
—
3.0
2.6
–3.0
–2.6
—
—
—
—
V
V
V
V
VCP Mode
VCP_FILT+ pin
VCP_FILT– pin
—
—
VCP
–VCP
—
—
V
V
–VA
–VA pin
—
– VA
—
V
Other DC characteristics
FILT+ voltage
—
–0.35
—
V
FILT– voltage
—
0.35
—
V
Analog output current limiter on threshold.
—
120
160
mA
VD power-on
reset threshold
(VPOR)
Up
Down
—
—
1.15
0.950
—
—
V
V
Table 3-17. Power Consumption
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43198 connections; GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground;
performance data taken with VA = VCP = VD = VL = 1.8 V; VP = 3.6 V; TA = +25°C; ASP_SPRATE = 0001(44.1-kHz mode); MCLK_INT= 1
(22.5792 MHz); MCLK_SRC_SEL = 00; +1dB_EN = 1; all other fields are set to defaults; no signal on any input; control port inactive; all serial ports are
set to Slave or Master Mode as indicated, input clock/data are held low unless active; test load is RL = 600  and CL = 1 nF for AOUTx; measured values
include currents consumed by the DAC and do not include current delivered to external loads unless specified otherwise (e.g., from AOUTx outputs); see
Fig. 2-1.
Use Cases
Typical Current (µA)
Total
Power
(µW)
POUT
iVCP
iVA
iVD
iVL
iVP
1Off 1
1.Off configuration: Clock/data lines held low; RESET = LOW; VA = VD = VL = 0 V, VCP = 0 V, VP = 3.6 V.
—0
0
0
0
6
11
2
Standby 2
2.Standby configuration: Clock/data lines held low; RESET = HIGH; VA = VD = VL = 1.8 V, VCP = 1.8 V, VP = 3.6 V; HP_DETECT_CTRL = 11 (enabled);
HPDETECT_PLUG_INT_MASK=0 (unmasked); PDN_XTAL = 1, MCLK_SRC_SEL = 10 (RCO selected as MCLK source).
HPDETECT enabled
—
0
0
256
0
32
576
3 A Playback
External MCLK = 22.5792 MHz, I2S/DoP
Stereo AOUT
Quiescent 3
3.Quiescent configuration: data lines held low; RESET = HIGH; VA = 1.8 V, VD = VL = VCP = 1.8 V, VP = 3.6 V. Serial port, I2S/DoP Mode (ASP and
SDIN, ASP_M/Sb = 0); PDN_XTAL = 1.
3808
7835
2786
0
28
26074
Table 3-18. Serial-Port Interface Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43198 connections; GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground;
parameters can vary with VL; typical performance data taken with VL = VD = VA = VCP = 1.8 V, VP = 3.6 V; min/max performance data taken with VL =
1.8 V; VD = VA = VCP = 1.8 V, VP = 3.6 V; TA = +25°C; CL = 60 pF; Logic 0 = ground, Logic 1 = VL; output timings are measured at VOL and VOH thresholds
(see Table 3-11).
Parameters 1,2,3,4
Symbol
Minimum
Typical
Maximum
Units
FSYNC frame rate
Fs
(See
Section 4.8.5)
kHz
FSYNC high period 5
tHI:FSYNC
1/fSCLK
—
(n–1)/fSCLK
s
Operational Amplifier
OUT
GND
Power DAC
OUT
GND
PWR
DUT
+5 V
+5 V
+
+–
–
+
–
OUT
Analog Generator
Analog Analyzer
Analog Test Equipment
Analog Output PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com