Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD257N4F7AG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLD257N4F7AG
Description  Automotive-grade N-channel 40 V, 0.82 m typ., 120 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DSC package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD257N4F7AG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLD257N4F7AG Datasheet HTML 5Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 6Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 7Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 8Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 9Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 10Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 11Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 12Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
IMPORTANT NOTICE – PLEASE READ CAREFULLY
STMicroelectronics NV and its subsidiaries (“ST”) reserve the right to make changes, corrections, enhancements, modifications, and improvements to ST
products and/or to this document at any time without notice. Purchasers should obtain the latest relevant information on ST products before placing orders. ST
products are sold pursuant to ST’s terms and conditions of sale in place at the time of order acknowledgement.
Purchasers are solely responsible for the choice, selection, and use of ST products and ST assumes no liability for application assistance or the design of
Purchasers’ products.
No license, express or implied, to any intellectual property right is granted by ST herein.
Resale of ST products with provisions different from the information set forth herein shall void any warranty granted by ST for such product.
ST and the ST logo are trademarks of ST. For additional information about ST trademarks, please refer to www.st.com/trademarks. All other product or service
names are the property of their respective owners.
Information in this document supersedes and replaces information previously supplied in any prior versions of this document.
© 2019 STMicroelectronics – All rights reserved
STLD257N4F7AG
DS12565 - Rev 4
page 13/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com