Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD257N4F7AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLD257N4F7AG
Description  Automotive-grade N-channel 40 V, 0.82 m typ., 120 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DSC package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD257N4F7AG Datasheet(HTML) 2 Page - STMicroelectronics

  STLD257N4F7AG Datasheet HTML 1Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 2Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 3Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 4Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 5Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 6Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 7Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 8Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
±20
V
ID(1)(2)
Drain current (continuous) at TC = 25 °C
120
A
ID(1)(2)
Drain current (continuous) at TC = 100 °C
120
A
IDM(2)(3)
Drain current (pulsed)
480
A
PTOT(2)
Total power dissipation at TC = 25 °C
158
W
TJ
Operating junction temperature range
-55 to 175
°C
Tstg
Storage temperature range
1. Limited by package
2. The value is rated according to Rthj-case bottom side.
3. Pulse width limited by safe operating area
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-c top side
Thermal resistance junction-case top side
2.90
°C/W
Rthj-c bottom side Thermal resistance junction-case bottom side
0.95
Rthj-pcb(1)
Thermal resistance junction-pcb
31.3
1. When mounted on an 1-inch² 2 Oz, Cu board, t ≤ 10 s
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAV
Avalanche current, repetitive or not repetitive (pulse width limited by
maximum junction temperature)
50
A
EAS
Single pulse avalanche energy (starting Tj = 25 °C, ID = IAV,
VDD = 25 V)
608
mJ
STLD257N4F7AG
Electrical ratings
DS12565 - Rev 4
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com