Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7380 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7380
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7380 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7380 Datasheet HTML 1Page - Diodes Incorporated AP7380 Datasheet HTML 2Page - Diodes Incorporated AP7380 Datasheet HTML 3Page - Diodes Incorporated AP7380 Datasheet HTML 4Page - Diodes Incorporated AP7380 Datasheet HTML 5Page - Diodes Incorporated AP7380 Datasheet HTML 6Page - Diodes Incorporated AP7380 Datasheet HTML 7Page - Diodes Incorporated AP7380 Datasheet HTML 8Page - Diodes Incorporated AP7380 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP7380
Document number: DS39196 Rev. 3 - 2
4 of 12
www.diodes.com
December 2017
© Diodes Incorporated
AP7380
Electrical Characteristics (@ VIN = VOUT + 2V, CIN = 1.0µF, COUT = 1.0µF, Typical TJ = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
VIN = VOUT + 2V, IOUT = 10mA
Variation from Specified VOUT
VOUTx99% VOUT VOUTx101%
V
VIN
Input Voltage
3.5
24
V
ILIMIT
Current Limit
VIN = VOUT + 2V, VOUT1 = 98% x VOUT
150
mA
∆VOUT/∆VIN/VOUT Line Regulation
VOUT + 2V ≤ VIN ≤ 24V, IOUT = 10mA
0.05
%/V
∆VOUT/VOUT
Load Regulation
VIN = VOUT + 2V, 1mA ≤ IOUT ≤ 150mA
0.5
%
VDROP
Dropout Voltage
3.0V
 VOUT < 5.0V
IOUT = 50mA
360
580
mV
IOUT = 100mA
750
1000
mV
IOUT = 150mA
1050
1500
mV
VOUT = 5.0V
IOUT = 50mA
250
500
mV
IOUT = 100mA
550
750
mV
IOUT = 150mA
750
1100
mV
IGND
Ground Current
IOUT = 0A
1.8
3.0
µA
IOUT = 150mA
1.8
3.0
ISTD
Standby Current
VEN in OFF Mode
0.01
µA
∆VOUT/(VOUTx∆T) Output Voltage Temperature Coefficient
IOUT = 100µA, -40°C ≤ TJ ≤ +125°C
±100
ppm/°C
IEN
EN Pin Current
1
µA
EN
“High” Voltage
EN Input Voltage “High”
2.0
V
EN
“Low” Voltage
EN Input Voltage “Low”
0.4
V
TOTSD
Thermal Shutdown Temperature
+160
°C
THYOTSD
Thermal Shutdown Hysteresis
+20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com