Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7380 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7380
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7380 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7380 Datasheet HTML 4Page - Diodes Incorporated AP7380 Datasheet HTML 5Page - Diodes Incorporated AP7380 Datasheet HTML 6Page - Diodes Incorporated AP7380 Datasheet HTML 7Page - Diodes Incorporated AP7380 Datasheet HTML 8Page - Diodes Incorporated AP7380 Datasheet HTML 9Page - Diodes Incorporated AP7380 Datasheet HTML 10Page - Diodes Incorporated AP7380 Datasheet HTML 11Page - Diodes Incorporated AP7380 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP7380
Document number: DS39196 Rev. 3 - 2
8 of 12
www.diodes.com
December 2017
© Diodes Incorporated
AP7380
Marking Information
(1)
SOT25
1
2
3
5
4
(Top View)
XXX : Identification Code
W : Week : A to Z : 1 to 26 week;
X : Internal Code
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
XXX
Y W X
Part Number
Package
Identification Code
AP7380-18W5-7
SOT25
D8M
AP7380-30W5-7
SOT25
D8E
AP7380-33W5-7
SOT25
D8A
AP7380-36W5-7
SOT25
D8P
AP7380-41W5-7
SOT25
D8F
AP7380-44W5-7
SOT25
D8G
AP7380-50W5-7
SOT25
D8B
AP7380-18WR-7
SOT25
D8N
AP7380-30WR-7
SOT25
D8H
AP7380-33WR-7
SOT25
D8C
AP7380-36WR-7
SOT25
D8R
AP7380-41WR-7
SOT25
D8J
AP7380-44WR-7
SOT25
D8K
AP7380-50WR-7
SOT25
D8D
(2)
SOT89 (Option 2)
XXX
Y W X
XXX : Identification code
(Top View)
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
a~z : 27~52 week;
z represents 52 and 53 week
1
2
3
Part Number
Package
Identification Code
AP7380-18Y-13
SOT89 (Option 2)
D8M
AP7380-30Y-13
SOT89 (Option 2)
D8E
AP7380-33Y-13
SOT89 (Option 2)
D8A
AP7380-36Y-13
SOT89 (Option 2)
D8P
AP7380-41Y-13
SOT89 (Option 2)
D8F
AP7380-44Y-13
SOT89 (Option 2)
D8G
AP7380-50Y-13
SOT89 (Option 2)
D8B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com