Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7380 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7380
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7380 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7380 Datasheet HTML 1Page - Diodes Incorporated AP7380 Datasheet HTML 2Page - Diodes Incorporated AP7380 Datasheet HTML 3Page - Diodes Incorporated AP7380 Datasheet HTML 4Page - Diodes Incorporated AP7380 Datasheet HTML 5Page - Diodes Incorporated AP7380 Datasheet HTML 6Page - Diodes Incorporated AP7380 Datasheet HTML 7Page - Diodes Incorporated AP7380 Datasheet HTML 8Page - Diodes Incorporated AP7380 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP7380
Document number: DS39196 Rev. 3 - 2
2 of 12
www.diodes.com
December 2017
© Diodes Incorporated
AP7380
Typical Applications Circuit
Pin Descriptions
Pin Number
Pin Name
Function
SOT25 (W5)
SOT25 (WR)
SOT89 (Option 2)
1
2
2
VIN
Input voltage
2
1
1
GND
Ground
3
—
—
EN
Enable input
4
4, 5
—
NC
No connected for fixed version
5
3
3
VOUT
Regulated output voltage
SOT89 (Option 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com