Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR347 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APR347
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR347 Datasheet(HTML) 5 Page - Diodes Incorporated

  APR347 Datasheet HTML 1Page - Diodes Incorporated APR347 Datasheet HTML 2Page - Diodes Incorporated APR347 Datasheet HTML 3Page - Diodes Incorporated APR347 Datasheet HTML 4Page - Diodes Incorporated APR347 Datasheet HTML 5Page - Diodes Incorporated APR347 Datasheet HTML 6Page - Diodes Incorporated APR347 Datasheet HTML 7Page - Diodes Incorporated APR347 Datasheet HTML 8Page - Diodes Incorporated APR347 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APR347
Document number: DS41207 Rev. 5 - 2
5 of 9
www.diodes.com
December 2020
© Diodes Incorporated
APR347
Synchronous Rectification Principle Description
SR MOSFET Turn on
The APR347 determines the synchronous rectification MOSFET turn-on time by monitoring the MOSFET drain-to-source voltage. When the drain
voltage is lower than the turn-on threshold voltage VTHON, the IC outputs a positive drive voltage after a turn-on delay time (tDON). The MOSFET
will turn on and the current will transfer from the body diode into the MOSFET’s channel. Because of the parasitic parameter, the voltage on the
MOSFET drain pin may have a moderate voltage ringing at this moment, which may impact the VDET voltage and result in a turning-off fault. To
avoid this fault situation happening, a Minimum On-Time (tONMIN) blanking period is used to maintain the power MOSFET on for a minimum
amount of time.
In Figure 1, the turn-on blanking time tONMIN is to prevent the MOSFET drain-to-source voltage ringing effect.
Turn off Operation
The DCM operation of the SR is described with the timing diagram shown in Figure 1.
In the process of the drain current decreasing linearly toward zero, the drain-source voltage rises synchronically. When it rises over the turn-off
threshold voltage VTHOFF, the APR347 pulls the drive signal down after a turn-off delay (tDOFF).
I,V
t
t
IS
VDET
VTHON
VTHOFF
tDON
tDOFF
0
0
1V
tONMIN
0.9VDRISR
VDRISR
Figure 1. Typical Waveforms of APR347 in DCM
Minimum On/Off Time
When the controlled MOSFET gate is turned on, some ringing noise is generated. The minimum on-time timer blanks the VTHOFF comparator,
keeping the controlled MOSFET on for at least the minimum on time. During the minimum on time, the turn off threshold is totally blanked.
After the SR driver turns off, the SR control block initiates a minimum off-time timer, during which the SR will remain off to avoid the ringing from
turning on the synchronous MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com