Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR347 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APR347
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR347 Datasheet(HTML) 2 Page - Diodes Incorporated

  APR347 Datasheet HTML 1Page - Diodes Incorporated APR347 Datasheet HTML 2Page - Diodes Incorporated APR347 Datasheet HTML 3Page - Diodes Incorporated APR347 Datasheet HTML 4Page - Diodes Incorporated APR347 Datasheet HTML 5Page - Diodes Incorporated APR347 Datasheet HTML 6Page - Diodes Incorporated APR347 Datasheet HTML 7Page - Diodes Incorporated APR347 Datasheet HTML 8Page - Diodes Incorporated APR347 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
APR347
Document number: DS41207 Rev. 5 - 2
2 of 9
www.diodes.com
December 2020
© Diodes Incorporated
APR347
Pin Descriptions
Pin Number
Pin Name
Function
1
AREF
Program a voltage reference with a resistor from AREF to GND, to enable synchronous rectification
MOSFET drive signal
2
GND
Ground
3
VDET
SR MOS drain-to-source voltage sense input, connected to drain pin of SR MOSFET through a resistor
4
VCC
Power supply, connected with system output
Input of internal LDO and system output voltage sensing circuit.
5
VDD
Internal power supply. It provides bias voltage for the internal logic circuit and the MOSFET driver.
Connect this pin to a capacitor.
6
DRISR
Synchronous rectification MOSFET Gate drive
Functional Block Diagram
VTHON
LEB
Time
VTHOFF
Test
Mode
Fault
Mode
Gate
Monitor
Integrator
∫(VDET-VCC)dt
VCC
IAREF
S
R
Q
S
R
Q
Drive
DRISR
AREF
VDET
VDD
GND
VCC
1
6
3
4
5
2
Light Load
Control
PLR
VDET
LDO
VREF
S1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com