Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR347 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APR347
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR347 Datasheet(HTML) 3 Page - Diodes Incorporated

  APR347 Datasheet HTML 1Page - Diodes Incorporated APR347 Datasheet HTML 2Page - Diodes Incorporated APR347 Datasheet HTML 3Page - Diodes Incorporated APR347 Datasheet HTML 4Page - Diodes Incorporated APR347 Datasheet HTML 5Page - Diodes Incorporated APR347 Datasheet HTML 6Page - Diodes Incorporated APR347 Datasheet HTML 7Page - Diodes Incorporated APR347 Datasheet HTML 8Page - Diodes Incorporated APR347 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
APR347
Document number: DS41207 Rev. 5 - 2
3 of 9
www.diodes.com
December 2020
© Diodes Incorporated
APR347
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 28
V
VDET
Voltage at VDET Pin (Note 5)
-0.7 to 150
V
VDRISR
Voltage at DRISR Pin
-0.3 to 7
V
VDD
Internal Power Supply Voltage
-0.3 to 7.5
V
PD
Power Dissipation at TA = +25°C
0.6
W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+300
°C
θJA
Thermal Resistance (Junction to Ambient)
197
°C/W
θJC
Thermal Resistance (Junction to Case)
76
°C/W
Notes:
4. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. VDET pin is ESD sensitive and passes 1000V HBM. The JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard
ESD control process. The aging condition of VDET pin is 80% of AMR value.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
0
22
V
TA
Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com