Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR34709 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APR34709
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34709 Datasheet(HTML) 4 Page - Diodes Incorporated

  APR34709 Datasheet HTML 1Page - Diodes Incorporated APR34709 Datasheet HTML 2Page - Diodes Incorporated APR34709 Datasheet HTML 3Page - Diodes Incorporated APR34709 Datasheet HTML 4Page - Diodes Incorporated APR34709 Datasheet HTML 5Page - Diodes Incorporated APR34709 Datasheet HTML 6Page - Diodes Incorporated APR34709 Datasheet HTML 7Page - Diodes Incorporated APR34709 Datasheet HTML 8Page - Diodes Incorporated APR34709 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
APR34709
Document number: DS41354 Rev. 5 - 3
4 of 13
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
APR34709
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 28
V
VDET, VDRAIN
Voltage at VDET, DRAIN Pins (Note 5)
-2 to 60
V
VAREF, VDRISR
Voltage at AREF, DRISR Pins
-0.3 to 7
V
ID
Continuous Drain Current
20
A
IDM
Pulsed Drain Current
80
A
PD
Power Dissipation at TA = +25°C
2.2
W
θJA
Thermal Resistance (Junction to Ambient)
(Note 6)
54
°C/W
θJC
Thermal Resistance (Junction to Case)
(Note 6)
11
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+300
°C
Notes:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
5. VDET pin is ESD sensitive.
6. Test condition: Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch2 cooling area.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
3.3
16
V
TA
Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com