Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR34709 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # APR34709
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34709 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button APR34709 Datasheet HTML 3Page - Diodes Incorporated APR34709 Datasheet HTML 4Page - Diodes Incorporated APR34709 Datasheet HTML 5Page - Diodes Incorporated APR34709 Datasheet HTML 6Page - Diodes Incorporated APR34709 Datasheet HTML 7Page - Diodes Incorporated APR34709 Datasheet HTML 8Page - Diodes Incorporated APR34709 Datasheet HTML 9Page - Diodes Incorporated APR34709 Datasheet HTML 10Page - Diodes Incorporated APR34709 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
APR34709
Document number: DS41354 Rev. 5 - 3
7 of 13
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
APR34709
Synchronous Rectification Principle Description
SR MOSFET Turn On
The APR34709 determines the synchronous rectification MOSFET turning on time by monitoring the MOSFET drain-to-source voltage. When the
drain voltage is lower than the turn-on threshold voltage VTHON, the IC outputs a positive drive voltage after a turn-on delay time (tDON). The
MOSFET will turn on and the current will transfer from the body diode into the MOSFET’s channel. Because of parasitic parameter, the voltage on
MOSFET drain pin has moderate voltage ringing at this moment, which maybe impact on the VDET voltage and resulting in the turning-off fault.
To prevent fault situation from happening, a Minimum On-Time (tONMIN) blanking period is used to maintain the power MOSFET on for a minimum
amount of time.
In Figure 1, the turn on blanking time tONMIN is to prevent the MOSFET drain-to-source voltage ringing effect.
Turn Off Operation
The DCM operation of the SR is described with timing diagram shown in Figure 1.
In the process of drain current decreasing linearly toward zero, the drain-source voltage rises synchronically. When it rises over the turn off
threshold voltage VTHOFF, the APR34709 pulls the drive signal down after a turn-off delay (tDOFF).
I,V
t
t
IS
VDET
VTHON
VTHOFF
tDON
tDOFF
0
0
1V
tONMIN
0.9VDRISR
VDRISR
Figure 1. Typical Waveforms of APR34709 in DCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com