Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR34709 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APR34709
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34709 Datasheet(HTML) 2 Page - Diodes Incorporated

  APR34709 Datasheet HTML 1Page - Diodes Incorporated APR34709 Datasheet HTML 2Page - Diodes Incorporated APR34709 Datasheet HTML 3Page - Diodes Incorporated APR34709 Datasheet HTML 4Page - Diodes Incorporated APR34709 Datasheet HTML 5Page - Diodes Incorporated APR34709 Datasheet HTML 6Page - Diodes Incorporated APR34709 Datasheet HTML 7Page - Diodes Incorporated APR34709 Datasheet HTML 8Page - Diodes Incorporated APR34709 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
APR34709
Document number: DS41354 Rev. 5 - 3
2 of 13
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
APR34709
Typical Applications Circuit
+
C21
+
C22
APR34709
VCC
AREF
DRAIN
DRAIN
GND
GND
VDET
DRISR
RAREF
C23
R21
C24
VDD
CAREF
C23
Pin Descriptions
Pin Number
Pin Name
Function
1
AREF
Program a voltage reference with a resistor from AREF to GND, to enable synchronous
rectification MOSFET drive signal.
2
DRISR
Synchronous rectification MOSFET drive.
3
VDD
Internal power supply. It provides bias voltage for the internal logic circuit and the MOSFET
driver. Connect this pin to a capacitor.
4
VCC
Power supply, connected with system output.
Input of internal LDO and system output voltage sensing circuit.
5
DRAIN
Drain pin of internal MOSFET. The drain voltage signal can be obtained from this pin.
6
VDET
Synchronous rectification sense input and dynamic function output, connected to DRAIN
through a resistor.
7, 8
GND
Source pin of internal MOSFET, connected to Ground.
Exposed PAD
DRAIN
Drain pin of internal MOSFET. The secondary current should flow from GND (pins 7 and 8)
to this DRAIN pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com