Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF9501A Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF9501A
Description  Radio Controlled Clock Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF9501A Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF9501A Datasheet HTML 1Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 2Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 3Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 4Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 5Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 6Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 7Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 8Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SM9501A/B
NIPPON PRECISION CIRCUITS INC.—2
PAD LAYOUT (CF9501A)
(Unit:
µm)
PAD NAME and DIMENSIONS (CF9501A)
Chip size: 1.43
× 2.36mm
Chip thickness: 300 ± 30µm
PAD size: 100µm (TN: 80µm)
Chip base: VSS level
Number
Name
Pad dimensions [µm]
XY
1
VDDA
386
2117
2
IN1
177
2035
3
IN3
177
1766
4
IN2
177
1486
5
FCN
177
1217
6
XO
177
937
7
VSSA
177
586
8
XI
177
288
9
LF
1237
286
10
CB
1237
555
11
CP
1237
809
12
HLDN
1237
1078
13
VSS
1237
1302
14
OUT
1237
1755
15
PON
1237
2035
16
VDD
1031
2117
TN1
1. For test mode
1257
1506
IN1
VDDA
PON
(0,0)
(1430,2360)
DA9501
NPC
1
2
5
4
3
13
14
15
16
7
6
8
9
10
11
12
OUT
VSS
HLDN
CP
CB
LF
IN3
IN2
FCN
XO
VSSA
XI
VDD
TN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com