Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF9501A Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF9501A
Description  Radio Controlled Clock Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF9501A Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF9501A Datasheet HTML 1Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 2Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 3Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 4Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 5Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 6Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 7Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 8Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SM9501A/B
NIPPON PRECISION CIRCUITS INC.—3
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O1
1. I: input, O: output, Ipu: input with pull-up resistor, –: supply pin
A/D2
2. A: analog signal, D: digital signal
Description
1
VDDA
A
AGC amplifier (+) supply input
2
IN1
I
A
Antenna input 1 (fixed input)
3
IN3
I
A
Antenna input 3 (via analog switch)
4
IN2
I
A
Antenna input 2 (analog switch bypass)
5
FCN
Ipu
D
Analog switch control input (active LOW)
6
XO
O
A
Output for crystal filter
7
VSSA
A
AGC amplifier (–) supply input
8
XI
I
A
Input from crystal filter
9
LF
O
A
Rectifier LPF capacitor connection
10
CB
O
A
Bottom hold detector capacitor connection
11
CP
O
A
Peak hold detector capacitor connection
12
HLDN
Ipu
D
AGC gain hold control (active LOW)
13
VSS
A
Substrate (–) supply input
14
OUT
O
D
Clock time code output (active LOW)
15
PON
Ipu
D
Standby state control input (active LOW)
16
VDD
A
(+) supply input
TN
Ipu
D
AGC amplifier gain control switch (active LOW, for test mode)
VDDA
VSS
VDD
CP
AGC Control
Peak/Bottom
Hold Det.
Decoder
CB
HLDN
PON
Bias
Rectifier
LPF
AGC Amp
XI
FCN
OUT
LF
XO VSSA
Post Amp
IN1
IN3
IN2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com