Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF9501A Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # CF9501A
Description  Radio Controlled Clock Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF9501A Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button CF9501A Datasheet HTML 2Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 3Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 4Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 5Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 6Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 7Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 8Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 9Page - Nippon Precision Circuits Inc CF9501A Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SM9501A/B
NIPPON PRECISION CIRCUITS INC.—8
FUNCTIONAL DESCRIPTION
Antenna Input and Tuning Capacitor Switching Function
There are three antenna inputs: IN1, IN2, and IN3. When FCN is open (or HIGH), the internal analog switch is
OFF and IN1–IN2 are the antenna inputs (60kHz mode). When FCN is LOW, the analog switch is ON, con-
necting IN3 and IN2. C2 is then connected in parallel to C1 in the tuning circuit, reducing the resonant fre-
quency (40kHz mode).
FCN should be left open if not using the tuning capacitor switching function, and IN2 should be connected to
IN3 externally.
AGC Amplifier and Gain Hold Function
The input voltage from the antenna is amplified by the AGC amplifier. The gain can be monitored by the volt-
age on pin CP, and can be changed by varying the CP voltage. An external capacitor Cp can be connected to CP
to stabilize the voltage, but the gain tracking time is dependent on the capacitance. When HLDN is open (or
HIGH), the gain automatically adjusts to follow the post-amplifier detector signal. When HLDN is LOW, the
immediately preceding gain is held for an interval determined by the Cp capacitance.
FCN
Analog switch
Antenna input
Tuning capacitor
Receiver frequency
Open or HIGH
OFF
Between IN1 and IN2
C1
60kHz
LOW
ON
Between IN1 and IN2, IN3
C1 + C2 parallel
40kHz
IN1
IN3
IN2
C2
C1
L1
FCN
AGC
HLDN
Gain tracking
Open or HIGH
Auto tracking
LOW
Gain held fixed
AGC Amp
Peak Hold Detector
Bottom Hold Detector
HLDN
CP
CB
Cb
Cp



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com