Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP822601 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # AP822601
Description  Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

AP822601 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  AP822601 Datasheet HTML 1Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 2Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 3Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 4Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 5Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 6Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 7Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 8Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATASHEET
Part No. AP822601
Product: Automotive
FR4 Broadband
LTE/LPWA antenna
8/19/2022
Proprietary
Broadband FR4 Embedded
LTE/LPWA Antenna
698 - 960 MHz
1700 - 2700 MHz
3300 - 3800 MHz
Electrical Specifications
Typical AP822601 performance 140 x 50 mm PCB
Part No. AP822601
Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
698
– 960 MHz / 1710 – 2200 MHz / 2300 – 2400 MHz / 2500 – 2700 MHz / 3300– 3800 MHz
Supports: Broadband LTE (OCTA-BAND), LTE CAT-M, NB-IoT, SigFox, LoRa, Cellular LPWA, RPMA, CBRS
Frequency
(MHz)
698-960
1710-2200
2500-2700
(B7)
Peak Gain
2.6 dBi
4.4 dBi
3.4 dBi
Average
Efficiency
68%
76%
52%
VSWR Match
< 2.5:1
< 2.5:1
Polarization
Linear
Power Handling
2 Watt CW
Feed Point
Impedance
50
Ω unbalanced
KEY BENEFITS
Reduced Costs and
Time-to-Market
Standard antenna eliminates
design fees and cycle time
associated with a custom solution;
getting products to market faster.
Greater Flexibility with
Unique Form Factors
KYOCERA AVX’s technology
helps you deliver more advanced
ergonomic designs without
adverse impact on product
performance.
Reliability
Comply with latest RoHS requirements
APPLICATIONS
•
Medical
applications
•
Home
automation
•
Smart
metering
•
M2M,
Industrial
devices
•
IoT
•
Firstnet
•
Automotive
•
Healthcare
•
Point of Sale
•
Tracking
•
NB-IoT
•
Sigfox
•
LoRa
•
Cellular
LPWA
•
RPMA
•
LTE CAT-M
Frequency
(MHz)
2300-2400
(Band 40)
3300-3800
(n78)
Peak Gain
1.8 dBi
2.8 dBi
Average Efficiency
46%
59%
VSWR Match
< 3.0:1
< 2.5:1
Polarization
Linear
Power Handling
2 Watt CW
Feed Point
Impedance
50
Ω unbalanced
www.KYOCERA-AVX.com
AUTOMOTIVE
KYOCERA AVX A-Series automotive antennas deliver on the key needs of
device designers for higher functionality.
KYOCERA AVX has completed rigorous testing to qualify the A-series
antennas for automotive applications. Although the AEC-Q200 standard does
not include antenna products, all testing has been done following applicable
AEC-Q200 requirements and procedures as closely as possible. Customers
must provide additional quality requirements, if any, to drive additional
compliance testing.
TDS-ANT-0097 | Rev 0


Similar Part No. - AP822601

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AP822601 AVX-AP822601 Datasheet
1Mb / 14P
Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/19/2022 Rev 0
More results

Similar Description - AP822601

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-433-USP410 LINX-ANT-433-USP410 Datasheet
960Kb / 10P
Embedded 433 MHz LPWA Antenna
2020
logo
Kyocera Kinseki Corpota...
A1004795 KSS-A1004795 Datasheet
2Mb / 22P
Automotive Broadband FR4 Embedded LTE / LPWA Antenna
Rev 0
AP522304 KSS-AP522304 Datasheet
1Mb / 8P
Automotive Broadband FR4 Embedded Cellular Antenna
Rev 0
logo
AVX Corporation
1002436 AVX-1002436 Datasheet
1Mb / 8P
Vertical Wideband FR4 Embedded LTE / LPWA Antenna
5/13/2022
1004795 AVX-1004795 Datasheet
4Mb / 25P
Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/26/2022 Rev. 1
A1004795 AVX-A1004795 Datasheet
2Mb / 22P
Automotive Broadband FR4 Embedded LTE / LPWA Antenna
8/20/2022 Rev 0
AP522304 AVX-AP522304 Datasheet
1Mb / 8P
Automotive Broadband FR4 Embedded Cellular Antenna
8/20/2022
AP822601 AVX-AP822601 Datasheet
1Mb / 14P
Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/19/2022 Rev 0
P522304 AVX-P522304 Datasheet
1Mb / 8P
Broadband FR4 Embedded Cellular Antenna
10/1/2019
P822601 AVX-P822601 Datasheet
2Mb / 16P
Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/25/2022 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com