Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP822601 Datasheet(PDF) 12 Page - Kyocera Kinseki Corpotation

Part # AP822601
Description  Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

AP822601 Datasheet(HTML) 12 Page - Kyocera Kinseki Corpotation

Back Button AP822601 Datasheet HTML 6Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 7Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 8Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 9Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 10Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 11Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 12Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 13Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 14Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LTE/LPWA Universal Broadband Embedded Automotive Antenna Specifications.
KYOCERA AVX produces a wide variety of standard and custom antennas to meet user needs.
© 2022 KYOCERA AVX
tel +(1) 858.550.3820
email: antenna.info@kyocera-avx.com
1 Avx Blvd, Fountain Inn, SC 29644
Ex. Tuning Layout
(1) Shift Frequency Lower (Adding Components)
*Bridging gaps with 0 ohm resistors shifts resonant
frequency lower
*Cut Trace between pads shifts resonant frequency
higher
(2) Shift Frequency Higher (Cut Bridge Traces)
[ R5 ]
[ R6 ]
[ R7 ]
[ R8 ]
[ R9 ]
[ R2 ]
[ R3 ]
698-960 MHz Tuning
1710-3800 MHz Tuning
Demo Board Back
* uses same tuning method but on mirrored layout
DATASHEET | Part No. AP822601
Antenna Matching Structure (AP822601)
Typical matching values on 140 x 50 mm PCB
TDS-ANT-0097 | Rev 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com