Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP822601 Datasheet(PDF) 14 Page - Kyocera Kinseki Corpotation

Part # AP822601
Description  Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

AP822601 Datasheet(HTML) 14 Page - Kyocera Kinseki Corpotation

Back Button AP822601 Datasheet HTML 6Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 7Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 8Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 9Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 10Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 11Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 12Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 13Page - Kyocera Kinseki Corpotation AP822601 Datasheet HTML 14Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTE/LPWA Universal Broadband Embedded Automotive Antenna Specifications.
KYOCERA AVX produces a wide variety of standard and custom antennas to meet user needs.
© 2022 KYOCERA AVX
tel +(1) 858.550.3820
email: antenna.info@kyocera-avx.com
1 Avx Blvd, Fountain Inn, SC 29644
Recommended Reflow Soldering Profile
The recommended method for soldering the antenna to the board is forced convection reflow soldering. The following
suggestions provide information on how to optimize the reflow process for the FR4 antenna:
*Adjust the reflow duration to create good solder joints without raising the antenna temperature
beyond the allowed maximum of 260° C.
DATASHEET | Part No. AP822601
TDS-ANT-0097 | Rev 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com