Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LFCHIP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IC-LFCHIP
Description  128x1 Linear Image Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC-LFCHIP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IC-LFCHIP Datasheet HTML 1Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 2Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 3Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 4Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 5Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 6Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 7Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 8Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
iC-LF1401
128x1 Linear Image Sensor
Rev A3, Page 2/9
DESCRIPTION
iC-LF1401 is an integrating light-to-voltage converter
with a line of 128 pixels pitched at 63.5
µm (center-to-
center distance). Each pixel consists of a 56.4
µmx
200
µm photodiode and an integration capacitor with
a sample-and-hold circuit.
The integrated control logic makes operation very
simple, with only a start and clock signal necessary.
A third control input (DIS) enables the integration to
be suspended at any time (electronic shutter).
When the start signal is given hold mode is acti-
vated for all pixels simultaneously with the next lead-
ing clock edge; starting with pixel1 the hold voltages
are switched in sequence to the push-pull output am-
pli
er. The second clock pulse resets all integration
capacitors and the integration period starts again in
the background during the output phase. A run is
complete after 128 clock pulses.
iC-LF1401 is suitable for high clock rates of up to
5 MHz. If this is not required the supply current can
be reduced via the external bias setting (current into
pin RSET).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com