Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LFCHIP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IC-LFCHIP
Description  128x1 Linear Image Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC-LFCHIP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IC-LFCHIP Datasheet HTML 1Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 2Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 3Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 4Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 5Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 6Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 7Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 8Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
iC-LF1401
128x1 Linear Image Sensor
Rev A3, Page 1/9
FEATURES
128 active photo pixels of 56
µm at a 63.5 µm pitch (400 DPI)
Integrating L-V conversion followed by a sample & hold circuit
High sensitivity and uniformity over wavelength
High clockrates of up to 5 MHz
Only 128 clocks required for readout
Shutter function enables
exible integration times
Glitch-free analogue output
Push-pull output ampli
er
5 V single supply operation
Can run off external bias to reduce power consumption
Pin-to-pin compatible with TSL1401
APPLICATIONS
Optical line image sensors
CCD substitute
PACKAGES
OLGA LF2C
OBGA
™ LF3C
Die size (8.5 mmx 1.6 mm)
BLOCK DIAGRAM
Copyright
© 2005 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-LFCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LF1401 ICHAUS-IC-LF1401 Datasheet
324Kb / 10P
128x1 LINEAR IMAGE SENSOR
IC-LFH ICHAUS-IC-LFH Datasheet
1Mb / 14P
HIGH-RESOLUTION LINEAR IMAGE SENSORS
iC-LFH1024 ICHAUS-iC-LFH1024 Datasheet
1Mb / 14P
HIGH-RESOLUTION LINEAR IMAGE SENSORS
iC-LFH320 ICHAUS-iC-LFH320 Datasheet
1Mb / 14P
HIGH-RESOLUTION LINEAR IMAGE SENSORS
iC-LFH640 ICHAUS-iC-LFH640 Datasheet
1Mb / 14P
HIGH-RESOLUTION LINEAR IMAGE SENSORS
More results

Similar Description - IC-LFCHIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD2300C TOSHIBA-TCD2300C Datasheet
558Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
CCD LINEAR IMAGE SENSOR
logo
IC-Haus GmbH
IC-LF1401 ICHAUS-IC-LF1401 Datasheet
324Kb / 10P
128x1 LINEAR IMAGE SENSOR
logo
ams AG
TSL1401CL AMSCO-TSL1401CL Datasheet
647Kb / 17P
128X1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF AMSCO-TSL1401CS-LF Datasheet
686Kb / 19P
128X1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com