Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LFCHIP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IC-LFCHIP
Description  128x1 Linear Image Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC-LFCHIP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IC-LFCHIP Datasheet HTML 1Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 2Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 3Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 4Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 5Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 6Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 7Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 8Page - List of Unclassifed Manufacturers IC-LFCHIP Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
iC-LF1401
128x1 Linear Image Sensor
Rev A3, Page 5/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = VDD = 5V
±10 %, RSET = GND, Tj = -25...85 °C unless otherwise noted
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
No.
°C
Min.
Typ.
Max.
Total Device
001
VDD
Digital Supply Voltage Range
4.5
5.5
V
002
VCC
Analog Supply Voltage Range
4.5
5.5
V
003
I(VDD)
Supply Current in VDD
f(CLK) = 1 MHz
200
300
µA
004
I(VCC)
Supply Current in VCC
8
13
mA
005
Vc()hi
Clamp Voltage hi at SI, CLK,DIS,
TP, RSET
Vc()hi = V()
V(VCC), I() = 1 mA
0.3
1.8
V
006
Vc()lo
Clamp Voltage lo at SI, CLK,DIS,
TP, RSET
Vc()hi = V()
V(AGND),
I() = -1 mA
-1.5
-0.3
V
007
Vc()hi
Clamp Voltage hi at AO
Vc()hi = V(AO)
V(VCC),
I(AO) = 1 mA
0.3
1.5
V
008
Vc()lo
Clamp Voltage lo at AO, VCC,
VDD, GND
Vc()lo = V()
V(AGND),
I() = -1 mA
-1.5
-0.3
V
Photodiode Array
201
A()
Radiant Sensitive Area
200
µm x 56.40 µm per Pixel
0.01128
mm
²
202
S( )max
Spectral Sensitivity
= 680 nm
0.5
A/W
203
ar
Spectral Application Range
S( ar) = 0.25 x S( )max
400
980
nm
Analogue Output AO
301
Vs()lo
Saturation Voltage lo
I() = 1 mA
0.5
V
302
Vs()hi
Saturation Voltage hi
Vs()hi = VCC
V(), I() = -1 mA
1
V
303
K
Sensitivity
= 680 nm,
package OLGA LF2C
2.88
V/pWs
304
V0()
Offset Voltage
integration time 1 ms,
no illumination
400
800
mV
305
V0()
Offset Voltage Deviation during
integration mode
V0() = V(AO)t1
V(AO)t2,
t = t2
t1 = 1 ms
-250
50
mV
306
V()
Signal Deviation during hold
mode
V0() = V(AO)t1
V(AO)t2,
t = t2
t1 = 1 ms
-150
150
mV
307
tp(CLK-
AO)
Settling Time
Cl(AO) = 10 pF, CLK lo
hi until
V(AO) = 0.98 x V(VCC)
200
ns
Power-On Reset
801
VCCon
Power-On Release by VCC
4.4
V
802
VCCoff
Power-Down Reset by VCC
1
V
803
VCChys
Hysteresis
VCChys = VCCon
VCCoff
0.4
1
2
V
Bias Current Adjust RSET
901
Ibias()
Permissible External Bias Current
20
100
µA
902
Vref
Reference Voltage
I(RSET) = Ibias
2.5
3
3.5
V
Input Interface SI, CLK, DIS
B01
Vt()hi
Threshold Voltage hi
2
1.4
1.8
V
B02
Vt()lo
Threshold Voltage lo
2
0.9
1.2
V
B03
Vt()hys
Hysteresis
Vt()hys = Vt()hi
Vt()lo
2
300
800
mV
B04
I()
Pull-Down Current
10
30
50
µA
B05
fclk
Permissible Clock Frequency
5
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com