Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX6000 Datasheet(PDF) 1 Page - Altera Corporation

Part # FLEX6000
Description  Programmable Logic Device Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX6000 Datasheet(HTML) 1 Page - Altera Corporation

  FLEX6000 Datasheet HTML 1Page - Altera Corporation FLEX6000 Datasheet HTML 2Page - Altera Corporation FLEX6000 Datasheet HTML 3Page - Altera Corporation FLEX6000 Datasheet HTML 4Page - Altera Corporation FLEX6000 Datasheet HTML 5Page - Altera Corporation FLEX6000 Datasheet HTML 6Page - Altera Corporation FLEX6000 Datasheet HTML 7Page - Altera Corporation FLEX6000 Datasheet HTML 8Page - Altera Corporation FLEX6000 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
®
Altera Corporation
1
FLEX 6000
Programmable Logic
Device Family
March 2001, ver. 4.1
Data Sheet
%
Typical gates (1)
10,000
16,000
16,000
24,000
Logic elements (LEs)
880
1,320
1,320
1,960
Maximum I/O pins
102
204
171
218
Supply voltage (VCCINT)
3.3 V
5.0 V
3.3 V
3.3 V


Similar Part No. - FLEX6000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
logo
Littelfuse
FLEX-14 LITTELFUSE-FLEX-14 Datasheet
377Kb / 2P
Axial Lead Reed Switches
logo
Mclennan Servo Supplie...
FLEX-6-NANO MCLENNAN-FLEX-6-NANO Datasheet
7Mb / 3P
64 Axis EtherCAT Motion Coordinator
More results

Similar Description - FLEX6000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
Programmable Logic Device Family
EPF6016ATI144-3N ALTERA-EPF6016ATI144-3N Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128SLC84-10 ALTERA-EPM7128SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-10 ALTERA-EPM7128STC100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com