Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX6000 Datasheet(PDF) 32 Page - Altera Corporation

Part # FLEX6000
Description  Programmable Logic Device Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX6000 Datasheet(HTML) 32 Page - Altera Corporation

Back Button FLEX6000 Datasheet HTML 28Page - Altera Corporation FLEX6000 Datasheet HTML 29Page - Altera Corporation FLEX6000 Datasheet HTML 30Page - Altera Corporation FLEX6000 Datasheet HTML 31Page - Altera Corporation FLEX6000 Datasheet HTML 32Page - Altera Corporation FLEX6000 Datasheet HTML 33Page - Altera Corporation FLEX6000 Datasheet HTML 34Page - Altera Corporation FLEX6000 Datasheet HTML 35Page - Altera Corporation FLEX6000 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
Altera Corporation
FLEX 6000 Programmable Logic Device Family Data Sheet
VIH
High-level input voltage
2.0VCCINT + 0.5V
VIL
Low-level input voltage
–0.5
0.8V
VOH
5.0-V high-level TTL output
voltage
IOH = –8 mA DC, VCCIO = 4.75 V (7)
2.4V
3.3-V high-level TTL output
voltage
IOH = –8 mA DC, VCCIO = 3.00 V (7)
2.4V
3.3-V high-level CMOS output
voltage
IOH = –0.1 mA DC, VCCIO = 3.00 V (7)
VCCIO – 0.2V
VOL
5.0-V low-level TTL output
voltage
IOL = 8 mA DC, VCCIO = 4.75 V (8)
0.45V
3.3-V low-level TTL output
voltage
IOL = 8 mA DC, VCCIO = 3.00 V (8)
0.45V
3.3-V low-level CMOS output
voltage
IOL = 0.1 mA DC, VCCIO = 3.00 V (8)
0.2V
II
Input pin leakage currentVI = VCC or ground (8)
–10
10
µA
IOZ
Tri-stated I/O pin leakage currentVO = VCC or ground (8)
–40
40
µA
ICC0
VCC supply current (standby)VI = ground, no load
0.5
5
mA
CIN
Input capacitance for I/O pinVIN = 0 V, f = 1.0 MHz
8
pF
CINCLK
Input capacitance for dedicated inputVIN = 0 V, f = 1.0 MHz
12
pF
COUT
Output capacitanceVOUT = 0 V, f = 1.0 MHz
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com