Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX6000 Datasheet(PDF) 39 Page - Altera Corporation

Part # FLEX6000
Description  Programmable Logic Device Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX6000 Datasheet(HTML) 39 Page - Altera Corporation

Back Button FLEX6000 Datasheet HTML 35Page - Altera Corporation FLEX6000 Datasheet HTML 36Page - Altera Corporation FLEX6000 Datasheet HTML 37Page - Altera Corporation FLEX6000 Datasheet HTML 38Page - Altera Corporation FLEX6000 Datasheet HTML 39Page - Altera Corporation FLEX6000 Datasheet HTML 40Page - Altera Corporation FLEX6000 Datasheet HTML 41Page - Altera Corporation FLEX6000 Datasheet HTML 42Page - Altera Corporation FLEX6000 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Altera Corporation
39
FLEX 6000 Programmable Logic Device Family Data Sheet
tOD1
Output buffer and pad delay, slow slew rate = off, VCCIO = VCCINT
C1 = 35 pF (2)
tOD2
Output buffer and pad delay, slow slew rate = off, VCCIO = low voltage
C1 = 35 pF (3)
tOD3
Output buffer and pad delay, slow slew rate = on
C1 = 35 pF (4)
tXZ
Output buffer disable delay
C1 = 5 pF
tZX1
Output buffer enable delay, slow slew rate = off, VCCIO = VCCINT
C1 = 35 pF (2)
tZX2
Output buffer enable delay, slow slew rate = off, VCCIO = low voltage
C1 = 35 pF (3)
tZX3
IOE output buffer enable delay, slow slew rate = on
C1= 35 pF (4)
tIOE
Output enable control delay
tIN
Input pad and buffer to FastTrack Interconnect delay
tIN_DELAY
Input pad and buffer to FastTrack Interconnect delay with additional delay
turned on
tLOCAL
LAB local interconnect delay
tROW
Row interconnect routing delay
(5)
tCOL
Column interconnect routing delay
(5)
tDIN_D
Dedicated input to LE data delay
(5)
tDIN_C
Dedicated input to LE control delay
tLEGLOBAL
LE output to LE control via internally-generated global signal delay
(5)
tLABCARRY
Routing delay for the carry-out of an LE driving the carry-in signal of a
different LE in a different LAB
tLABCASC
Routing delay for the cascade-out signal of an LE driving the cascade-in
signal of a different LE in a different LAB
t1
Register-to-register test pattern
(6)
tDRR
Register-to-register delay via 4 LEs, 3 row interconnects, and 4 local
interconnects
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com