Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB7191 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSB7191
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB7191 Datasheet(HTML) 1 Page - STMicroelectronics

  TSB7191 Datasheet HTML 1Page - STMicroelectronics TSB7191 Datasheet HTML 2Page - STMicroelectronics TSB7191 Datasheet HTML 3Page - STMicroelectronics TSB7191 Datasheet HTML 4Page - STMicroelectronics TSB7191 Datasheet HTML 5Page - STMicroelectronics TSB7191 Datasheet HTML 6Page - STMicroelectronics TSB7191 Datasheet HTML 7Page - STMicroelectronics TSB7191 Datasheet HTML 8Page - STMicroelectronics TSB7191 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
MiniSO8
SO8
TSB7192
TSB7192A
TSB7191 and TSB7191A
SOT23-5
and
Features
•
Rail-to-rail input and output
•
Low offset voltage: 300 µV maximum
•
Wide supply voltage range: 2.7 V to 36 V
•
Gain bandwidth product: 22 MHz
•
Slew rate: 12 V/µs
•
Low noise: 12 nV/√Hz
•
Stable with gain +10/-9
•
Integrated EMI filter
•
2 kV HBM ESD tolerance
•
Extended temperature range: -40 °C to +125 °C
•
Automotive-grade available
Applications
•
High-side and low-side current sensing
•
Hall effect sensors
•
Data acquisition and instrumentation
•
Test and measurement equipments
•
Motor control
•
Industrial process control
•
Strain gauge
Description
The TSB7191, TSB7191A, TSB7192 and the TSB7192A 22 MHz bandwidth amplifier
feature rail-to-rail input and output, which is guaranteed to operate from +2.7 V to
+36 V single supply as well as from ±1.35 V to ±18 V dual supplies.
These amplifiers have the advantage of offering a large span of supply voltage and
an excellent input offset voltage of 300 µV maximum at 25 °C.
The combination of wide bandwidth, slew rate, low noise, rail-to-rail capability and
precision makes the TSB7191, TSB7191A, TSB7192 and the TSB7192A useful in a
wide variety of applications such as: filters, power supply and motor control, actuator
driving, hall effect sensors and resistive transducers.
Product status link
TSB7191, TSB7191A, TSB7192,
TSB7192A
Related products
TSB572
Dual op-amps for the low-
power consumption version
(380 µA with 2.5 MHz GBP)
TSB712
Precision rail-to-rail input /
output 36 V, 6 MHz dual op-
amps
TSB712A
Precision rail-to-rail input / output 36 V, 22 MHz op-amps
TSB7191, TSB7191A
TSB7192, TSB7192A
Datasheet
DS12641 - Rev 5 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSB7191

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB711 STMICROELECTRONICS-TSB711 Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
TSB711 STMICROELECTRONICS-TSB711 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
TSB711 STMICROELECTRONICS-TSB711 Datasheet
2Mb / 26P
Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
26-Jan-2022
TSB711A STMICROELECTRONICS-TSB711A Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
TSB711AILT STMICROELECTRONICS-TSB711AILT Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
More results

Similar Description - TSB7191

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
STMicroelectronics
TSB711 STMICROELECTRONICS-TSB711 Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com