Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB7191 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSB7191
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB7191 Datasheet(HTML) 4 Page - STMicroelectronics

  TSB7191 Datasheet HTML 1Page - STMicroelectronics TSB7191 Datasheet HTML 2Page - STMicroelectronics TSB7191 Datasheet HTML 3Page - STMicroelectronics TSB7191 Datasheet HTML 4Page - STMicroelectronics TSB7191 Datasheet HTML 5Page - STMicroelectronics TSB7191 Datasheet HTML 6Page - STMicroelectronics TSB7191 Datasheet HTML 7Page - STMicroelectronics TSB7191 Datasheet HTML 8Page - STMicroelectronics TSB7191 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
3
Electrical characteristics
Table 5. Electrical characteristics at VCC = 36 V, VICM = VOUT = VCC / 2, Tamb = 25 °C and RL connected to
VCC / 2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
TSB7191A, TSB7192A, T = 25 °C,
VCC- ≤ VICM ≤ VCC+ -1.5 V
± 300
µV
TSB7191A, TSB7192A, T = 25 °C,
VCC- ≤ VICM ≤ VCC+
± 650
TSB7191A, TSB7192A, -40 °C < T <
125 °C,
VCC- ≤ VICM ≤ VCC+ -1.5 V
± 580
TSB7191A, TSB7192A, -40 °C < T <
125 °C,
VCC- ≤ VICM ≤ VCC+
± 930
TSB7191, TSB7192, T = 25 °C,
VCC- ≤ VICM ≤ VCC+ -1.5 V
± 800
TSB7191, TSB7192, T = 25 °C,
VCC- ≤ VICM ≤ VCC+
± 1200
TSB7191, TSB7192, -40 °C < T < 125
°C,
VCC- ≤ VICM ≤ VCC+ -1.5 V
± 1100
TSB7191, TSB7192, -40 °C < T < 125
°C,
VCC- ≤ VICM ≤ VCC+
± 1400
ΔVio / ΔT
Input offset voltage drift -40 °C < T < 125 °C (1)
2.8
µV/°C
ΔVio
Long-term input offset
voltage drift
T = 25 °C (2)
0.57
µV/√mo
IIB
Input bias current (3)
VICM = VCC+, T = 25 °C
0
300
nA
VICM = VCC+, -40 °C < T < 125 °C
0
900
VICM = VCC-, T = 25 °C
-100
0
VICM = VCC-,-40 °C < T < 125 °C
-200
0
IIO
Input offset current(4)
VICM = VCC+
10
VICM = VCC-
10
TSB7191, TSB7191A, TSB7192, TSB7192A
Electrical characteristics
DS12641 - Rev 5
page 4/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com