Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB7191 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSB7191
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB7191 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSB7191 Datasheet HTML 19Page - STMicroelectronics TSB7191 Datasheet HTML 20Page - STMicroelectronics TSB7191 Datasheet HTML 21Page - STMicroelectronics TSB7191 Datasheet HTML 22Page - STMicroelectronics TSB7191 Datasheet HTML 23Page - STMicroelectronics TSB7191 Datasheet HTML 24Page - STMicroelectronics TSB7191 Datasheet HTML 25Page - STMicroelectronics TSB7191 Datasheet HTML 26Page - STMicroelectronics TSB7191 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
6
Typical applications
6.1
Low-side current sensing
Power management mechanisms are found in most electronic systems. Current sensing is useful to protect
applications. The low-side current sensing method consists of placing a sense resistor between the load and the
circuit ground. The resulting voltage drop is amplified using the TSB7191 and the TSB7192 (see the following
figure).
Figure 46. Low-side current sensing schematic
-
+
+
-
Rshunt
Rg1
Rg2
C1
Rf1
5 V
Vout
Rf2
TSB7191
I
In
Ip
TSB7192
Vout can be expressed as follows:
VOUT=Rsℎunt.I1− Rg2
Rg2+Rf2 .1−Rf1Rg1 +Ip. Rg2.Rf2
Rg2+Rf2.1+Rf1Rg1 −In.Rf1
−Vio.1−Rf1Rg1
(13)
Assuming that Rf2 = Rf1 = Rf and Rg2 = Rg1 = Rg, can be simplified in the following manner:
VOUT=Rsℎunt.I.RfRg−Vio.1+RfRg +Rf.Iio
(14)
The main advantage of using the TSB7191 and the TSB7192 for a low-side current sensing relies on its low Vio,
compared to general purpose operational amplifiers. For the same current and targeted accuracy, the shunt
resistor can be chosen with a lower value, resulting in lower power dissipation, lower drop in the ground path, and
lower cost. Particular attention must be paid to the matching and precision of Rg1, Rg2, Rf1, and Rf2, to maximize
the accuracy of the measurement.
TSB7191, TSB7191A, TSB7192, TSB7192A
Typical applications
DS12641 - Rev 5
page 23/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com