Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TSB572
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TSB572 Datasheet HTML 24Page - STMicroelectronics TSB572 Datasheet HTML 25Page - STMicroelectronics TSB572 Datasheet HTML 26Page - STMicroelectronics TSB572 Datasheet HTML 27Page - STMicroelectronics TSB572 Datasheet HTML 28Page - STMicroelectronics TSB572 Datasheet HTML 29Page - STMicroelectronics TSB572 Datasheet HTML 30Page - STMicroelectronics TSB572 Datasheet HTML 31Page - STMicroelectronics TSB572 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
8
Ordering information
Table 10. Order code
Order code
Temperature range
Package
Packing
Marking
TSB7191AILT
-40 °C to +125 °C
SOT23-5
Tape and reel
K224
TSB7191ILT
SOT23-5
K220
TSB7191AIYLT
-40 °C to +125 °C automotive grade
SOT23-5
K226
TSB7191IYLT
SOT23-5
K222
TSB7192AIST
-40 °C to +125 °C
MiniSO8
K21A
TSB7192AIDT
SO8
7192AI
TSB7192IDT
SO8
7192I
TSB7192IST
MiniSO8
792S
TSB7192AIYDT
-40 °C to 125 °C automotive grade(1)
SO8
7192AIY
TSB7192AIYST
MiniSO8
792Y
TSB7192IYDT
SO8
7192IY
TSB7192IYST
MiniSO8
K21Y
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
and Q002 or equivalent.
SO8 package for single op-amp may be available for qualification upon customer request. Please contact sales
office for such request.
DFN8 package for dual op-amp may be available for qualification under customer request. Please contact sales
office for such request.
TSB7191, TSB7191A, TSB7192, TSB7192A
Ordering information
DS12641 - Rev 5
page 28/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com