Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSB572
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSB572 Datasheet HTML 25Page - STMicroelectronics TSB572 Datasheet HTML 26Page - STMicroelectronics TSB572 Datasheet HTML 27Page - STMicroelectronics TSB572 Datasheet HTML 28Page - STMicroelectronics TSB572 Datasheet HTML 29Page - STMicroelectronics TSB572 Datasheet HTML 30Page - STMicroelectronics TSB572 Datasheet HTML 31Page - STMicroelectronics TSB572 Datasheet HTML 32Page - STMicroelectronics TSB572 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Revision history
Table 11. Document revision history
Date
Revision
Changes
29-Jun-2018
1
Initial release.
26-Sep-2018
2
Added the TSB7192 as root part number; cover page has been updated accordingly.
Updated Section 3 Electrical characteristics, Section 4 Typical performance
characteristics, Section 5.1 Operating voltages, Section 5.2 Input pin voltage range,
Section 5.3 Rail-to-rail input stage and Section 5.6 EMI rejection, Section 8 Ordering
information.
Added Section 7.2 SO8 package information.
29-Nov-2018
3
Updated Table 5. Electrical characteristics at VCC = 36 V, VICM = VOUT = VCC / 2,
Tamb = 25 °C and RL connected to VCC / 2 (unless otherwise specified) and Table 6.
Electrical characteristics at VCC = 5 V, VICM = VOUT = VCC / 2, Tamb = 25 °C and RL
connected to VCC / 2 (unless otherwise specified).
17-Jun-2019
4
Added root part numbers TSB7191A and TSB7192A, therefore the whole document has
been updated accordingly.
15-Oct-2019
5
Updated Table 10. Order code.
TSB7191, TSB7191A, TSB7192, TSB7192A
DS12641 - Rev 5
page 29/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com