Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23358564 Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # 23358564
Description  Color Television
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23358564 Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button 23358564 Datasheet HTML 27Page - Toshiba Semiconductor 23358564 Datasheet HTML 28Page - Toshiba Semiconductor 23358564 Datasheet HTML 29Page - Toshiba Semiconductor 23358564 Datasheet HTML 30Page - Toshiba Semiconductor 23358564 Datasheet HTML 31Page - Toshiba Semiconductor 23358564 Datasheet HTML 32Page - Toshiba Semiconductor 23358564 Datasheet HTML 33Page - Toshiba Semiconductor 23358564 Datasheet HTML 34Page - Toshiba Semiconductor 23358564 Datasheet HTML 35Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Television System
NTSC standard
Channel Coverage
VHF: 2 through 13
UHF: 14 through 69
Cable TV: Mid band (A-8 through A-1, A through I)
Super band (J through W)
Hyper band (AA through ZZ, AAA, BBB)
Ultra band (65 through 94, 100 through 125)
Power Source
120 V AC, 60 Hz
Power Consumption
144 W (average)
Audio Power
10 W + 10 W
Speaker Type
Two 6
12 cm
Video/Audio Terminals
S-VIDEO INPUT
Y : 1 V(p-p), 75 ohms, negative sync.
C : 0.286 V(p-p) (burst signal), 75 ohms
VIDEO/AUDIO INPUT
VIDEO: 1 V(p-p), 75 ohms, negative sync.
AUDIO: 150 mV(rms) (30% modulation equivalent,
22 k ohms or more)
ColorStream® (component video) INPUT
Y : 1V(p-p), 75 ohms
PR: 0.7 V(p-p), 75 ohms
PB: 0.7 V(p-p), 75 ohms
AUDIO: 150 mV(rms), 22 k ohms or more
VIDEO/AUDIO OUTPUT
VIDEO: 1 V(p-p), 75 ohms, negative sync.
AUDIO: 150 mV(rms) (30% modulation equivalent,
2.2 k ohms or less)
VARIABLE AUDIO OUTPUT
0–300 mV(rms) (30% modulation equivalent,
2.2 k ohms or less)
Specifications
• Design and specifications are subject to change without notice.
Video/Audio Terminals (cont.)
HDMI INPUT:
HDMI 1.1 (type A) compliant
HDCP 1.1 compliant
E-EDID* 1.3 compliant
Supports DVI-D uncompressed, high-speed, digital
single-link input
Suggested scan rates: 1080i, 480p, 480i, 720p
HDMI Audio: 2-channel PCM; 32/44.1/48 kHz
sampling frequency; 16/20/24 bits per sample
Dimensions
Width
33-5/8 inches (854 mm)
Height
24-3/8 inches (619 mm)
Depth
23-3/4 inches (603 mm)
Mass
156 lbs (70.7 kg)
Supplied Accessories
Remote Control with 2 size “AA” alkaline batteries
Optional TV Stand
ST34W64
- END -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com