Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23358564 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # 23358564
Description  Color Television
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23358564 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button 23358564 Datasheet HTML 7Page - Toshiba Semiconductor 23358564 Datasheet HTML 8Page - Toshiba Semiconductor 23358564 Datasheet HTML 9Page - Toshiba Semiconductor 23358564 Datasheet HTML 10Page - Toshiba Semiconductor 23358564 Datasheet HTML 11Page - Toshiba Semiconductor 23358564 Datasheet HTML 12Page - Toshiba Semiconductor 23358564 Datasheet HTML 13Page - Toshiba Semiconductor 23358564 Datasheet HTML 14Page - Toshiba Semiconductor 23358564 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
- 11 -
SETTING & ADJUSTING DATA
34"
HIGH VOLTAGE AT ZERO BEAM:
(A)
30.0 kV
MAX HIGH VOLTAGE:
(B)
35.0 kV
Table-1
RCUT
GCUT
BCUT
GDRV
BDRV
UVTT
HIT
R CUT OFF
G CUT OFF
B CUT OFF
G DRIVE
B DRIVE
TINT CENTTER
PICTURE HIT
SERVICE MODE
ADJUSTING ITEMS AND DATA IN THE SERVICE MODE:
CHAPTER 2 SPECIFIC INFORMATIONS
SAFETY INSTRUCTIONS
Item
Name of adjustment
Item
Name of adjustment
Preset
Table-2
CIRCUIT CHECKS
FBT DETECTION VOLTAGE
(C)
20.1 V
40H
40H
40H
40H
40H
46H
2FH
Preset
12H
3DH
15H
17H
3CH
4CH
10H
10H
LIN
WID
PARA
CNR
TRAP
HPOS
TCNR
BTNR
V-LINEARITY
PICTURE WIDTH
E-W PARABOLA
EW M CORRECTION
EW TRAPEZIUM
H-POSITION
EW TOP CORNER
EW BOTTOM COR
BRTC
BRIGHT CENTER
80H
NORMAL
& FULL
NORMAL
& FULL
Table-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com