Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23358564 Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # 23358564
Description  Color Television
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23358564 Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button 23358564 Datasheet HTML 11Page - Toshiba Semiconductor 23358564 Datasheet HTML 12Page - Toshiba Semiconductor 23358564 Datasheet HTML 13Page - Toshiba Semiconductor 23358564 Datasheet HTML 14Page - Toshiba Semiconductor 23358564 Datasheet HTML 15Page - Toshiba Semiconductor 23358564 Datasheet HTML 16Page - Toshiba Semiconductor 23358564 Datasheet HTML 17Page - Toshiba Semiconductor 23358564 Datasheet HTML 18Page - Toshiba Semiconductor 23358564 Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
- 15 -
Location
Parts No.
Description
No.
Location
Parts No.
Description
No.
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “X-RAY RADIATION PRECAUTION”, “SAFETY PRECAUTION”
AND “PRODUCT SAFETY NOTICE” ON PAGE 3 OF THIS MANUAL.
CAUTION: The international hazard symbols "
" in the schematic diagram and the parts list designate com-ponents which
have special characteristics important for safety and should be replaced only with types identical to those in the original
circuit or specified in the parts list. The mounting position of replacements is to be identical with originals. Before replacing
any of these components, read carefully the PRODUCT SAFETY NOTICE. Do not degrade the safety of the receiver through
improper servicing.
NOTICE:
• The part number must be used when ordering parts, in order to assist in processing, be sure to include the Model
number and Description.
• The PC board assembly with
∗ mark is no longer available after the end of the production.
CHASSIS AND CABINET REPLACEMENT PARTS LIST
Model : 34HF84
Capacitors ............. CD
:
Ceramic Disk
PF
:
Plastic Film
EL
:
Electrolytic
Resistors ............... CF
:
Carbon Film
CC
:
Carbon Composition
MF
:
Metal Film
OMF :
Oxide Metal Film
VR
:
Variable Resistor
FR
:
Fusible Resistor
(All CD and PF capacitors are ±5%, 50V and all resistors, ±5%, 1/6W unless otherwise noted.)
CAPACITORS
C101
24797339
ELECTROLYTIO CE04G, 50V 3.3UF M
C102
24665221
ELECTROLYTIC CE04Q, 10V 220UF M 3A
C105
24100102
CERAMIC CHIP, 50V F 1000PF Z
C106
24669479
ELECTROLYTIC, 50V 4.7UF M 3A
C107
24666221
ELECTROLYTIC 04Q, 16V 220UF M 3A
C108
24665221
ELECTROLYTIC CE04Q, 10V 220UF M 3A
C109
24100104
CERAMIC CHIP, 25V F 0.1UF Z
C110
24794101
ELECTROLYTIC, 16V 100UF M
C301
24567104
PLASTIC FILM, 50V 0.1UF J
C302
24567224
PLASTIC FILM, 50V 0.22UF J
C304
24082991
PLASTIC FILM, 250V 0.22 UF J
C305
24109822
CERAMIC CHIP, 50V B 8200PF K
C306
24669101
ELECTROLYTIC, 50V 100UF M 3A
C307
24666471
ELECTROLYTIC 04Q, 16V 470UF M 3A
C308
24109472
CERAMIC CHIP, 50V B 4700PF K
C309
24109471
CERAMIC CHIP, 50V B 470PF K
C310
24667102
ELECTROLYTIC, 25V 1000UF M 3A
C311
24109102
CERAMIC CHIP, 50V B 1000PF K
C313
24214561
CERAMIC DISC, 500V B 560PF K
C314
24667101
ELECTROLYTIC CE04Q, 25V 100UF M 3A
C315
24092883
CERAMIC CHIP CK73B 50V 0.1UF K
C317
24567104
PLASTIC FILM, 50V 0.1UF J
C319
24092883
CERAMIC CHIP CK73B 50V 0.1UF K
C320
24667101
ELECTROLYTIC CE04Q, 25V 100UF M 3A
C322
24539105
PLASTIC FILM, 50V 1UF J
C323
24539684
PLASTIC FILM, 50V 0.68UF J
C325
24591203
PLASTIC FILM, 50V 0.02UF J
C326
24669010
ELECTROLYTIC, 50V 1UF M 3A
C327
24073041
ELECTROLYTIC, 16V 470UF M 3A
C329
24503334
PLASTIC FILM CF92 T 250V 1R5UF J
C330
24539105
PLASTIC FILM, 50V 1UF J
C332
24109473
CERAMIC CHIP, 25V B 0.047UF K
C333
24108330
CERAMIC CHIP, 50V SL 33PF J
C334
24109471
CERAMIC CHIP, 50V B 470PF K
C336
24108101
CERAMIC CHIP, 50V SL 100PF J
C337
24092614
CERAMIC CHIP CK732B 16V 150000PF K
C341
24214101
CERAMIC DISC, 500V B 100PF K
C342
24214101
CERAMIC DISC, 500V B 100PF K
C362
24591682
PLASTIC FILM, 50V 6800PF J
C370
24666100
ELECTROLYTIC, 10V 10UF M 3A
C413
24214392
CERAMIC DISC, 500V B 3900PF K
C416
24676330
ELECTROLYTIC, 100V 33UF M 3A
C417
24214391
CERAMIC DISC, 500V B 390PF K
C418
24667221
ELECTROLYTIC CE04Q, 25V 220UF M 3A
C419
24590102
PLASTIC FILM, 50V 1000PF J
C428
24503192
PLASTIC FILM, 400V 0.15UF J
C430
24539334
PLASTIC FILM, 50V 0.33UF J
C431
24539104
PLASTIC FILM, 50V 0.1UF J
C432
24666100
ELECTROLYTIC, 10V 10UF M 3A
C439
24503457
PLASTIC FILM CQ92 T 400V 56000PF J
C442
24503190
PLASTIC FILM, 400V 0.12UF J
C443
24503348
PLASTIC FILM 1800VH 3900PF H
C444
24503195
PLASTIC FILM, 1800VH 5100PF H
C445
24095804
PLASTIC FILM, 400V 0.056UF J
C446
24073120
ELECTRPLYTIC, 250V 33UF, 250YXF33M
C448
24073118
ELECTROLYTIC, 160V 33UF M
C450
24214222
CERAMIC DISC, 500V B 2200PF K
C451
24214222
CERAMIC DISC, 500V B 2200PF K
C452
24820103
PLASTIC FILM, 630V 0.01UF J
C461
24820123
PLASTIC FILM, 630V 0.012UF J
C464
24503149
PLASTIC FILM, 250V 3.3UF
C465
24591183
PLASTIC FILM, 50V 0.018UF J
C466
24679220
ELECTROLYTIC, 250V 22UF M 3A
C467
24820123
PLASTIC FILM, 630V 0.012UF J
C468
24591823
PLASTIC FILM, 50V 0.082UF J
C469
24591821
PLASTIC FILM, 50V 820PF J
C470
24766220
ELECTROLYTIC 04G, 50V 22UF M
C471
24766479
ELECTROLYTIC, 50V 4.7UF M
C472
24539474
PLASTIC FILM, 50V 0.47UF J
C476
24214471
CERAMIC DISC, 500V B 470PF K
C477
24666220
ELECTROLYTIC, 16V 22UF M 3A
C488
24666100
ELECTROLYTIC, 10V 10UF M 3A
C489
24212103
CERAMIC DISC, 50V B 10000PF K
C499
24829333
PLASTIC FILM, 400V 0.033UF J
C603
24669101
ELECTROLYTIC, 50V 100UF M 3A
C605
24109103
CERAMIC CHIP, 50V B 0.01UF K
C607
24797470
ELECTROLYTIC 04G, 50V 47UF M
C613
24666471
ELECTROLYTIC 04Q, 16V 470UF M 3A
C615
24666220
ELECTROLYTIC, 16V 22UF M 3A
C661
24073083
ELECTROLYTIC CE04P 50V 3.3UF M 3A
C662
24073083
ELECTROLYTIC CE04P 50V 3.3UF M 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com