Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23358564 Datasheet(PDF) 43 Page - Toshiba Semiconductor

Part # 23358564
Description  COLOR TELEVISION
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23358564 Datasheet(HTML) 43 Page - Toshiba Semiconductor

Back Button 23358564 Datasheet HTML 36Page - Toshiba Semiconductor 23358564 Datasheet HTML 37Page - Toshiba Semiconductor 23358564 Datasheet HTML 38Page - Toshiba Semiconductor 23358564 Datasheet HTML 39Page - Toshiba Semiconductor 23358564 Datasheet HTML 40Page - Toshiba Semiconductor 23358564 Datasheet HTML 41Page - Toshiba Semiconductor 23358564 Datasheet HTML 42Page - Toshiba Semiconductor 23358564 Datasheet HTML 43Page - Toshiba Semiconductor 23358564 Datasheet HTML 44Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
– 45 –
SPECIFICATIONS(Represenlative: 36HFX72)
TELEVISION SYSTEM
NTSC standard
CHANNEL COVERAGE
VHF: 2 through 13
UHF: 14 through 69
Cable TV: mid band (A-8 through A-1, A through I)
super band (J through W)
hyper band (AA through ZZ, AAA, BBB)
ultra band (65 through 94, 100 through 125)
POWER SOURCE
120V AC, 60Hz
POWER CONSUMPTION
180 W (average)
AUDIO POWER
10W + 10W, 13 W (Sub-woofer)
SPEAKER TYPE
Two 2-3/8 x 4-3/4 inches (60 x 120mm), one 4 inches (10cm)
VIDEO/AUDIO TERMINALS
S-VIDEO INPUT
Y: 1V(p-p), 75 ohm, negative sync.
C: 0.286V(p-p) (burst signal), 75 ohm
VIDEO/AUDIO INPUT
VIDEO: 1V(p-p), 75 ohm, negative sync.
AUDIO: 150mV(rms) (30% modulation equivalent, 47k ohm)
ColorStream® (Component video) INPUT
Y: 1V (p-p), 75 ohm
PB: 0.7 V (p-p), 75 ohm
PR: 0.7 V (p-p), 75 ohm
AUDIO: 150 mV (rms) 47k ohm
VIDEO/AUDIO OUT PUT
VIDEO: 1 V (p-p), 75 ohm, negative sync.
AUDIO: 150 mV (rms) (30% modulation equivalent, 4.7k ohm)
VARIABLE AUDIO OUTPUT
0-300mV(rms) (30% modulation equivalent, 4.7k ohm)
AUDIO CENTER CHANNEL INPUT
300mV(rms) (30% modulation equivalent, 10k ohm)
DIMENSIONS
Width ...... 38-3/16 inches (970 mm)
Height ..... 29-9/16 inches (751 mm)
Depth ..... 24-1/4 inches (615 mm)
MASS
206.0 lbs (93.4 kg)
SUPPLIED ACCESORIES
Remote Control with 2 "AA" size alkaline batteries
* Please refer to owner's manual in detail.
– END –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com