Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23358564 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # 23358564
Description  COLOR TELEVISION
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23358564 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button 23358564 Datasheet HTML 6Page - Toshiba Semiconductor 23358564 Datasheet HTML 7Page - Toshiba Semiconductor 23358564 Datasheet HTML 8Page - Toshiba Semiconductor 23358564 Datasheet HTML 9Page - Toshiba Semiconductor 23358564 Datasheet HTML 10Page - Toshiba Semiconductor 23358564 Datasheet HTML 11Page - Toshiba Semiconductor 23358564 Datasheet HTML 12Page - Toshiba Semiconductor 23358564 Datasheet HTML 13Page - Toshiba Semiconductor 23358564 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
– 10 –
8. SELF DIAGNOSTIC FUNCTION
1) Press “9” button on Remote Control during display of adjustment menu in the service mode.
The diagnosis will begin to check if interface among IC’s are executed properly.
2) During diagnosis, the following displays are shown.
SELF CHECK
NO. 23 * * * * * *
POWER
: 000
BUS LINE : OK
BUS CONT : OK
BLOCK : UV V1 V2
or
QV01 QV01S
SYNC
Part number of microprocessor (QA01)
Operation number of protection circuit (current limiter) . . . . “000” is normal.
BUS line check
“OK” ................... Normal
“SCL-GND” or “NG” .......... SCL-GND short circuit
“SDA-GND” or “NG” .......... SDA-GND short circuit
“SCL-SDA” or “NG” ........... SCL-SDA short circuit
BUS line ACK (acknowledge) check
“OK” ..................... Normal
Display of Location Number . . . . NG
(Display example)
“QA02 NG”, “H001 NG”, “Q501 NG” etc.
Note: The indication of failure place is only one place though failure places are plural. When
repair of a failure place finishes, the next failure place is indicated. (The order of priority of
indication is left side.)
Sync. signal check
Green display ..... Normal
Cyan display ...... No check
Red display ........ NG
UV ........... TV mode
V1 ........... VIDEO 1 mode
V2 ........... VIDEO 2 mode
* The items marked with
are not usable to display in the SELF DIAGNOSTIC FUNCTION for some model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com