Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23358564 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # 23358564
Description  COLOR TELEVISION
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23358564 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button 23358564 Datasheet HTML 4Page - Toshiba Semiconductor 23358564 Datasheet HTML 5Page - Toshiba Semiconductor 23358564 Datasheet HTML 6Page - Toshiba Semiconductor 23358564 Datasheet HTML 7Page - Toshiba Semiconductor 23358564 Datasheet HTML 8Page - Toshiba Semiconductor 23358564 Datasheet HTML 9Page - Toshiba Semiconductor 23358564 Datasheet HTML 10Page - Toshiba Semiconductor 23358564 Datasheet HTML 11Page - Toshiba Semiconductor 23358564 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
– 8 –
SERVICE MODE
1. ENTERING TO SERVICE MODE
MUTE
S
(Service mode display)
1/2 MUTE
3) While pressing the MUTE button,
press MENU button on TV set.
2) Press MUTE button
again to keep pressing.
1) Press MUTE button twice
on Remote Control.
2. DISPLAYING THE ADJUSTMENT MENU
1) Press MENU button on TV.
Adjustment mode
Press
Press
Service mode
Item
Data
S
3. KEY FUNCTION IN THE SERVICE MODE
The following key entry during display of adjustment menu provides special functions.
A single horizontal line ON/OFF:
TV (ANT)/VIDEO button (on TV)
Test signal selection :
TV (ANT)/VIDEO button (on Remote)
Selection of the adjustment items :
Channel s/t (on TV or Remote)
Change of the data value :
Volume s/t (on TV or Remote)
Adjustment menu mode ON/OFF :
MENU button (on TV)
Initialization of the memory (QA02, QA04) : RECALL+Channel (s) button on TV
Initialization of the self diagnostic data:
RECALL+Channel (t) button on TV
“RCUT” selection :
1 button
“GCUT” selection :
2 button
“BCUT” selection :
3 button
“CNTX” selection :
4 button
“COLC” selection :
5 button
“TNTC” selection :
6 button
Test audio signal ON/OFF (1kHz) :
8 button
Self diagnostic display ON/OFF :
9 button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com