Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 7Page - STMicroelectronics STW81101 Datasheet HTML 8Page - STMicroelectronics STW81101 Datasheet HTML 9Page - STMicroelectronics STW81101 Datasheet HTML 10Page - STMicroelectronics STW81101 Datasheet HTML 11Page - STMicroelectronics STW81101 Datasheet HTML 12Page - STMicroelectronics STW81101 Datasheet HTML 13Page - STMicroelectronics STW81101 Datasheet HTML 14Page - STMicroelectronics STW81101 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
STW81101
Electrical specifications
11/42
2.5
Phase noise specification
VCTRL
VCO control voltage(4)
0.4
3
V
LO Harmonic Spurious(4)
-20
dBc
VCO current consumption
25
mA
VCO buffer consumption
15
mA
DIVIDER by 2 consumption
18
mA
DIVIDER by 4 consumption
14
mA
LO OUTPUT BUFFER
Output level
0
dBm
Return Loss(4)
Matched to 50ohm
15
dB
Current Consumption
DIV4 Buff
26
mA
DIV2 Buff
23
mA
Direct Output
37
mA
EXTERNAL VCO (Test purpose only)
Frequency range
3.3
4.4
GHz
Input level
0
+6
dBm
Current Consumption
VCO Internal Buffer
15
µA
PLL MISCELLANEOUS
Current Consumption
Input Buffer, Prescaler,
Digital Dividers, misc.
12
mA
Lock up time (4)
40 KHz PLL bandwidth;
within 1 ppm of
frequency error
150
µs
1.
The frequency step is related to the PFD input frequency as follows:
- fstep = fPFD for Direct Output
- fstep = fPFD/2 for Divided by 2 Output
- fstep = fPFD/4 for Divided by 4 Output
2.
see relationship between ICP and REXT in the Circuit Description section (Charge Pump)
3.
PFD frequency leakage (400KHz) and harmonics
4.
Guaranteed by design and characterization.
Table 5.
Electrical characteristics (continued)
All the Electrical Specifications are intended at 3.3V supply Voltage.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 6.
Phase noise specification
Parameter
Test conditions
Min
Typ
Max
Unit
PHASE NOISE PERFORMANCE(1)
In Band Phase Noise Floor – Closed Loop(2)
Normalized In Band Phase Noise
Floor
ICP=4mA, PLL BW = 50KHz;
including reference clock
contribution
-220
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com