Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 31Page - STMicroelectronics STW81101 Datasheet HTML 32Page - STMicroelectronics STW81101 Datasheet HTML 33Page - STMicroelectronics STW81101 Datasheet HTML 34Page - STMicroelectronics STW81101 Datasheet HTML 35Page - STMicroelectronics STW81101 Datasheet HTML 36Page - STMicroelectronics STW81101 Datasheet HTML 37Page - STMicroelectronics STW81101 Datasheet HTML 38Page - STMicroelectronics STW81101 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
STW81101
Application information
35/42
Figure 25.
LC lumped balun and matching network (MATCH_LC_LUMP_4G.dsn)
The 6.8nH shunt inductor works as a DC feed for one of the open collector terminal as well
as a matching element along with the other components. The 1.1nH series inductors are
used to resonate the parasitic capacitance of the chip.
For an optimum output matching it is recommended to use 0402 Murata or AVX capacitors
and 0403 or 0604 HQ Coilcraft inductors. It is also advisable to use short interconnection
paths to minimize losses and undesired impedance shift.
An alternative topology, which allows for a more broadband matching and balanced to
unbalanced conversion, is shown it Figure 26.
Figure 26.
Microstrip line and lumped matching network (MATCH_4G_HYBRID.dsn)
Those results have been achieved on an FR4 substrate with a thickness of 350um.
By using this topology the STW81101 is capable to deliver an almost flat power to a 50
Ω
load with a return loss grater than 10dB over the whole frequency band (3.3 to 4.4GHz).
For the differential to single conversion the 50 to 100
Ω Johanson balun is recommended
(3700BL15B100).
RFOUTP
RFOUTN
VCC
1.1nH
3.6nH
0.3pF
6.8nH
0.7pF
50 Ohm
3.6nH
0.3pF
1.1nH
0.7pF
3.5nH
2:1
W=16mil
L=400mil
C=0.7pF
C=0.7pF
L=1.5nH
L=1.5nH
VCC
VCC
RFOUTP
RFOUTN
50Ohm load
C=8pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com