Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 30Page - STMicroelectronics STW81101 Datasheet HTML 31Page - STMicroelectronics STW81101 Datasheet HTML 32Page - STMicroelectronics STW81101 Datasheet HTML 33Page - STMicroelectronics STW81101 Datasheet HTML 34Page - STMicroelectronics STW81101 Datasheet HTML 35Page - STMicroelectronics STW81101 Datasheet HTML 36Page - STMicroelectronics STW81101 Datasheet HTML 37Page - STMicroelectronics STW81101 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Application information
STW81101
34/42
7
Application information
The STW81101 features three different alternatively selectable bands: direct output (3.3 to
4.4GHz), divided by 2 (1.65 to 2.2GHz) and divided by 4 (850 to 1100MHz). In order to
achieve a suitable power level, a good matching network is needed to adapt the output
stage to a 50
Ω load. Moreover, since most of commercial RF components have single
ended input and output terminations, a differential to single ended conversion could be
required.
Below different matching configurations for the three bands are suggested as a guideline for
the design of own application board.
The user can find in the Evaluation Kit the ADS Design for each matching configuration
suggested in this section. The name of the corresponding ADS Design is reported below
each figure.
7.1
Direct Output
If a differential to single conversion is not needed it is possible to match the output buffer of
the STW81101 in the simple way shown in Figure 24.
Figure 24.
Differential/single ended output network in the 3.3 - 4.4GHz range
(MATCH_LC_LUMP_4G_DIFF.dsn)
Since most of discrete components for microwave applications are single ended, the user
can easily use one of the two outputs and terminate the other one to 50
Ω with a 3dB power
loss.
Alternatively it is possible to combine the 2 outputs in different ways. A first topology for the
direct output (3.3GHz to 4.4GHz) is suggested in Figure 25. It basically consists of a simple
LC balun and a matching network to adapt the output to a 50
Ω load. The two LC networks
shift output signal phase of -90° and +90° thus combining the 2 outputs. This topology,
designed for a center frequency of 4GHz, is intrinsically narrow band, since the LC balun is
tuned at a single frequency. If the application requires a different sub-band, the LC combiner
could be easily adjusted to be tuned at the frequency of interest.
RF OUTP
RF OUTN
V CC
2nH
50 O hm
10pF
2nH
10pF
V CC
50 O hm
50 O hm
50 O hm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com